Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 161 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 161 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 157Page - Microchip Technology PIC16F913 Datasheet HTML 158Page - Microchip Technology PIC16F913 Datasheet HTML 159Page - Microchip Technology PIC16F913 Datasheet HTML 160Page - Microchip Technology PIC16F913 Datasheet HTML 161Page - Microchip Technology PIC16F913 Datasheet HTML 162Page - Microchip Technology PIC16F913 Datasheet HTML 163Page - Microchip Technology PIC16F913 Datasheet HTML 164Page - Microchip Technology PIC16F913 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 159
PIC16F917/916/914/913
14.0
SSP MODULE OVERVIEW
The Synchronous Serial Port (SSP) module is a serial
interface used to communicate with other peripheral or
microcontroller devices. These peripheral devices may
be serial EEPROMs, shift registers, display drivers,
A/D converters, etc. The SSP module can operate in
one of two modes:
• Serial Peripheral Interface (SPI™)
• Inter-Integrated Circuit (I2C
™)
An overview of I2C operations and additional information
on the SSP module can be found in the “PICmicro®
Mid-Range MCU Family Reference Manual” (DS33023).
Refer to Application Note AN578, “Use of the SSP
Module in the Multi-Master Environment” (DS00578).
14.1
SPI Mode
This section contains register definitions and operational
characteristics of the SPI module. Additional information
on the SPI module can be found in the “PICmicro®
Mid-Range MCU Family Reference Manual” (DS33023).
The SPI mode allows 8 bits of data to be synchronously
transmitted and received simultaneously. To accomplish
communication, typically three pins are used:
• Serial Data Out (SDO)
– RC4/T1G/SDO/SEG11
• Serial Data In (SDI)
– RC7/RX/DT/SDI/SDA/SEG8
• Serial Clock (SCK)
– RC6/TX/CK/SCK/SCL/SEG9
Additionally, a fourth pin may be used when in a Slave
mode of operation:
• Slave Select (SS)
– RA5/AN4/C2OUT/SS/SEG5
When initializing the SPI, several options need to be
specified. This is done by programming the appropriate
control bits in the SSPCON register (SSPCON<5:0>)
and SSPSTAT<7:6>. These control bits allow the
following to be specified:
• Master mode (SCK is the clock output)
• Slave mode (SCK is the clock input)
• Clock Polarity (Idle state of SCK)
• Clock edge (output data on rising/falling edge of
SCK)
• Clock Rate (Master mode only)
• Slave Select mode (Slave mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com