Electronic Components Datasheet Search
  English  ▼

X  

PIC16F913 Datasheet(PDF) 191 Page - Microchip Technology

Part # PIC16F913
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913 Datasheet(HTML) 191 Page - Microchip Technology

Back Button PIC16F913 Datasheet HTML 187Page - Microchip Technology PIC16F913 Datasheet HTML 188Page - Microchip Technology PIC16F913 Datasheet HTML 189Page - Microchip Technology PIC16F913 Datasheet HTML 190Page - Microchip Technology PIC16F913 Datasheet HTML 191Page - Microchip Technology PIC16F913 Datasheet HTML 192Page - Microchip Technology PIC16F913 Datasheet HTML 193Page - Microchip Technology PIC16F913 Datasheet HTML 194Page - Microchip Technology PIC16F913 Datasheet HTML 195Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 189
PIC16F917/916/914/913
16.3.3
BROWN-OUT RESET (BOR)
The BOREN0 and BOREN1 bits in the Configuration
Word register selects one of four BOR modes. Two
modes have been added to allow software or hardware
control of the BOR enable. When BOREN<1:0> = 01,
the SBOREN bit (PCON<4>) enables/disables the
BOR allowing it to be controlled in software. By select-
ing BOREN<1:0>, the BOR is automatically disabled in
Sleep to conserve power and enabled on wake-up. In
this
mode,
the SBOREN
bit
is
disabled.
See
Register 16-1 for the configuration word definition.
If VDD falls below VBOR for greater than parameter
(TBOR) (see Section 19.0 “Electrical Specifica-
tions”), the Brown-out situation will reset the device.
This will occur regardless of VDD slew rate. A Reset is
not insured to occur if VDD falls below VBOR for less
than parameter (TBOR).
On any Reset (Power-on, Brown-out Reset, Watchdog
Timer, etc.), the chip will remain in Reset until VDD rises
above VBOR (see Figure 16-3). The Power-up Timer
will now be invoked, if enabled and will keep the chip in
Reset an additional 64 ms.
If VDD drops below VBOR while the Power-up Timer is
running, the chip will go back into a Brown-out Reset
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOR, the Power-up Timer will execute a
64 ms Reset.
16.3.4
BOR CALIBRATION
The PIC16F917/916/914/913 stores the BOR calibra-
tion values in fuses located in the Calibration Word
(2008h). The Calibration Word is not erased when
using the specified bulk erase sequence in the
“PIC16F917/916/914/913
Memory
Programming
Specification” (DS41244) and thus, does not require
reprogramming.
FIGURE 16-3:
BROWN-OUT SITUATIONS
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word.
Address 2008h is beyond the user program memory
space. It belongs to the special configuration memory
space (2000h-3FFFh), which can be accessed only
during programming. See “PIC16F917/916/914/913
Memory
Programming Specification” (DS41244) for more
information.
64 ms(1)
VBOR
VDD
Internal
Reset
VBOR
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
VBOR
VDD
Internal
Reset
Note 1:
64 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com