Electronic Components Datasheet Search
  English  ▼

X  

1730/BASIC Datasheet(PDF) 4 Page - Fluke Corporation

Part # 1730/BASIC
Description  Three-Phase Electrical Energy Logger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

1730/BASIC Datasheet(HTML) 4 Page - Fluke Corporation

  1730/BASIC Datasheet HTML 1Page - Fluke Corporation 1730/BASIC Datasheet HTML 2Page - Fluke Corporation 1730/BASIC Datasheet HTML 3Page - Fluke Corporation 1730/BASIC Datasheet HTML 4Page - Fluke Corporation 1730/BASIC Datasheet HTML 5Page - Fluke Corporation 1730/BASIC Datasheet HTML 6Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 Fluke Corporation
Fluke 1730 Three-Phase Electrical Energy Logger
Electrical specifications
Power supply
Voltage range
100 V to 500 V using safety plug input when powering from the measurement
circuit
100 V to 240 V using standard power cord (IEC 60320 C7)
Power consumption
Maximum 50 VA (max. 15 VA when powered using IEC 60320 input)
Efficiency
≥ 68.2 % (in accordance with energy efficiency regulations)
Maximum no-load consumption
< 0.3 W only when powered using IEC 60320 input
Mains power frequency
50/60 Hz ± 15 %
Battery
Li-ion 3.7 V, 9.25 Wh, customer-replaceable
On-battery runtime
Four hours in standard operating mode, up to 5.5 hours in power saving mode
Charging time
< 6 hours
Data acquisition
Resolution
16-bit synchronous sampling
Sampling frequency
5120 Hz
Input signal frequency
50/60 Hz (42.5 to 69 Hz)
Circuit types
1-
ϕ, 1-ϕ IT, Split phase, 3-ϕ delta, 3-ϕ wye, 3-ϕ wye IT, 3-ϕ wye balanced, 3-ϕ
Aron/Blondel (2-element delta), 3-
ϕ delta open leg, Currents only (load studies)
THD
THD for voltage and current is calculated using 25 harmonics
Averaging period
User selectable: 1 sec, 5 sec, 10 sec, 30 sec, 1 min, 5 min, 10 min, 15 min, 30 min
Demand interval
User selectable: 5 min, 10 min, 15 min, 20 min, 30 min
Data storage
Internal flash memory (not user replaceable)
Memory size
Typical 20 logging sessions of 10 weeks with 10-minute intervals1
Logging period
Averaging period
Recommended
for 20 sessions
Logging Period
for 1 session
1 second
3 hours
2.5 days
5 seconds
15 hours
12 days
10 seconds
28 hours
24 days
30 seconds
3.5 days
10 weeks
1 minute
7 days
20 weeks
5 minutes
5 weeks
2 years
10 minutes
10 weeks
> 2 years
15 minutes
3.5 months
> 2 years
30 minutes
7 months
> 2 years1
Interfaces
USB-A
File transfer via USB flash drive, firmware updates
Max. current: 120 mA
USB-mini
Data download device to PC
Extension port
Accessories
Voltage inputs
Number of inputs
4 (3 phases and neutral)
Maximum input voltage
1000 Vrms, CF 1.7
Input impedance
10 MΩ
Bandwidth (-3 dB)
2.5 kHz
Scaling
1:1, 10:1, 100:1, 1000:1 and variable
Measurement category
1000 V CAT III/600 V CAT IV
Current inputs
Number of inputs
3, mode selected automatically for attached sensor
Input voltage
Clamp input: 500 mVrms/50 mVrms; CF 2.8
Rogowski coil input
150 mVrms/15 mVrms at 50 Hz, 180 mVrms/18 mVrms at 60 Hz; CF 4; all at nominal
probe range
Range
1 A to 150 A/10 A to 1500 A with thin iFlex flexible current probe, 12 inches
3 A to 300 A/30 A to 3000 A with thin Flex flexible current probe, 24 inches
6 A to 600 A/60 A to 6000 A with thin iFlex flexible current probe, 36 inches
40 mA to 4 A/0.4 A to 40 A with 40 A clamp i40s-EL
Bandwidth (-3 dB)
1.5 kHz
Scaling
1:1 and variable
1The number of possible logging sessions and logging period depends on user requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com