Electronic Components Datasheet Search
  English  ▼

X  

1730/US Datasheet(PDF) 1 Page - Fluke Corporation

Part # 1730/US
Description  Three-Phase Electrical Energy Logger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

1730/US Datasheet(HTML) 1 Page - Fluke Corporation

  1730/US Datasheet HTML 1Page - Fluke Corporation 1730/US Datasheet HTML 2Page - Fluke Corporation 1730/US Datasheet HTML 3Page - Fluke Corporation 1730/US Datasheet HTML 4Page - Fluke Corporation 1730/US Datasheet HTML 5Page - Fluke Corporation 1730/US Datasheet HTML 6Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data
Fluke 1730
Three-Phase Electrical
Energy Logger
The new Fluke 1730 Three-Phase Electrical Energy logger
introduces a new simplicity to discovering sources of
electrical energy waste. Discover when and where
energy in your facility is being consumed; from the
service entrance to individual circuits. Profiling energy
usage across your facility helps you identify opportunities
for energy savings, and provides you with the data you
need to act on them. The new Energy Analyze software
package allows you to compare multiple data points over
time to build a complete picture of energy usage, which
is the first step to reduce the cost of your energy bill.
•
Key measurements: voltage, current, power,
power factor and associated values enable
energy saving strategies to be implemented.
•
Bright, color touch screen: perform conve-
nient in-the-field analysis and data checks
with full graphical display.
•
Comprehensive logging: all measured values
are automatically logged and can be reviewed
during logging and before downloading for on-
the-go analysis. More than 20 separate logging
sessions can be stored on the instrument.
•
Optimized user interface: quick, guided,
graphical setup ensures you’re capturing the
right data every time, and the intelligent veri-
fication function indicates correct connections
have been made, reducing user uncertainty.
•
Complete ‘in-the-field’ setup through the
front panel: no need to return to the workshop
for download and setup or to take a computer
to the electrical panel.
Energy logging is now within your reach—
discover where you’re wasting energy, optimize
your facility’s energy use and reduce your bill.
•
Wide range power: power instrument directly
from the measured circuit eliminating the
need to find a power outlet while allowing the
instrument to be secured safely inside electri-
cal panels.
•
Two USB ports: one for PC connection and
another for fast, simple download to standard
USB thumb drives, or other USB devices.
•
Compact size: designed to fit in tight spaces
and panels.
•
Highest safety rating in the industry: 600 V
CAT IV/1000 V CAT III rated for use at the ser-
vice entrance and downstream.
•
Optimized measurement accessories: flat
voltage cable and thin flexible current probes
ensure easy installation even in tight spaces.
•
Battery life: four-hour operating time (backup
time) per charge on lithium-ion battery.
•
Security: safeguard against theft with a
Kensington lock.
•
All new, Energy Analyze application soft-
ware: download, analyze and automated
reporting for a complete picture of energy
saving potential.


Similar Part No. - 1730/US

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
1730 GILWAY-1730 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
Heyco.
1730 HEYCO-1730 Datasheet
157Kb / 1P
Snap-In Universal Strain Relief Bushings
logo
Adafruit Industries
1730 ADAFRUIT-1730 Datasheet
66Kb / 1P
Flex Cable for Raspberry Pi Camera - 18" / 457mm
logo
Extreme Networks.
17300 EXTREMENETWORKS-17300 Datasheet
211Kb / 12P
Scalable advanced 10Gb aggregation switch
13oct23
logo
Festo Corporation.
173000 FESTO-173000 Datasheet
98Kb / 2P
Air solenoid valve
More results

Similar Description - 1730/US

ManufacturerPart #DatasheetDescription
logo
Sames
PM9105AP SAMES-PM9105AP Datasheet
111Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030 Datasheet
193Kb / 20P
Three-Phase Energy Meter Chipset
REV.0
ADSST-EM-3035 AD-ADSST-EM-3035 Datasheet
330Kb / 20P
SALEM Three-Phase Electronic Energy Meter
REV.0
logo
SHANGHAI BELLING CO., L...
BL0952A BELLING-BL0952A Datasheet
516Kb / 13P
Three-phase Active Energy Meter
logo
Analog Devices
ADSST-EM-2030 AD-ADSST-EM-2030_15 Datasheet
153Kb / 20P
Three-Phase Energy Meter Chipset
REV. 0
ADSST-EM-3035 AD-ADSST-EM-3035_15 Datasheet
581Kb / 20P
SALEM Three-Phase Electronic Energy Meter
REV. 0
logo
Sames
PM9105AF SAMES-PM9105AF Datasheet
112Kb / 10P
THREE PHASE POWER/ENERGY METERING MODULE
PM96045AP SAMES-PM96045AP Datasheet
542Kb / 14P
THREE PHASE POWER/ENERGY METERING MODULE
SA4305A SAMES-SA4305A Datasheet
528Kb / 15P
Three Phase Bidirectional Energy Metering IC
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
Three Phase Multifunction Energy Metering IC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com