Electronic Components Datasheet Search
  English  ▼

X  

1730/EU Datasheet(PDF) 3 Page - Fluke Corporation

Part # 1730/EU
Description  Three-Phase Electrical Energy Logger
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

1730/EU Datasheet(HTML) 3 Page - Fluke Corporation

  1730/EU Datasheet HTML 1Page - Fluke Corporation 1730/EU Datasheet HTML 2Page - Fluke Corporation 1730/EU Datasheet HTML 3Page - Fluke Corporation 1730/EU Datasheet HTML 4Page - Fluke Corporation 1730/EU Datasheet HTML 5Page - Fluke Corporation 1730/EU Datasheet HTML 6Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 Fluke Corporation
Fluke 1730 Three-Phase Electrical Energy Logger
Specifications
Accuracy
Parameter
Range
Resolution
Intrinsic Accuracy at Reference Conditions
(% of Reading + % of Full Scale)
Voltage
1000 V
0.1 V
± (0.2 % + 0.01 %)
Current:
Direct input
iFlex1500-12
150 A
0.1 A
± (1 % + 0.02 %)
1500 A
1 A
± (1 % + 0.02 %)
iFlex3000-24
300 A
1 A
± (1 % + 0.02 %)
3000 A
10 A
± (1 % + 0.02 %)
iFlex6000-36
600 A
1 A
± (1.5 % + 0.03 %)
6000 A
10 A
± (1.5 % + 0.03 %)
i40s-EL clamp
4 A
1 mA
± (0.7 % + 0.02 %)
40 A
10 mA
± (0.7 % + 0.02 %)
Frequency
42.5 Hz to 69 Hz
0.01 Hz
± (0.1 %)
Aux input
± 10 V dc
0.1 mV
± (0.2 % + 0.02 %)
Voltage Min/Max
1000 V
0.1 V
± (1 % + 0.1 %)
Current Min/Max
defined by
accessory
defined by
accessory
± (5 % + 0.2 %)
Cos
ϕ/DPF
0 <= Cos
ϕ <=1
0.01
± 0.025
Power factor
0 <= PF <=1
0.01
± 0.025
THD on voltage
1000 %
0.1 %
± (2.5 % ± 0.05 %)
THD on current
1000 %
0.1 %
± (2.5 % ± 0.05 %)
Intrinsic uncertainty ± (% of reading + % of range)1
Parameter
Influence
quantity
iFlex1500-12
iFlex3000-24
iFlex6000-36
i40s-EL
150A/1500A
300A/3000A
600/6000A
4A/40A
Active power P
PF ≥ 0.99
1.2 % +
0.005 %
1.2 % +
0.0075 %
1.7 % +
0.0075 %
1.2 % +
0.005 %
0.5 <PF <0.99
1.2 % + 7 x
(1-PF)
+0.005 %
1.2 % + 7 x
(1-PF)
+ 0.0075 %
1.7 % + 7 x
(1-PF)
+ 0.0075 %
1.2 % + 10 x
(1-PF)
+ 0.005 %
Apparent power S, S fund.
0 ≤ PF ≤ 1
1.2 % +
0.005 %
1.2 % +
0.0075 %
1.7 % +
0.0075 %
1.2 % +
0.005%
Reactive power N, Q fund.
0 ≤ PF ≤ 1
2.5 % of measured apparent power
Additional uncertainty in %
of range1
U >250 V
0.015 %
0.0225 %
0.0225 %
0.015 %
1Range = 1000 V x Irange
Reference conditions:
Environmental: 23 °C ± 5 °C, instrument operating for at least 30 minutes, no external electrical/magnetic field, RH <65 %
Input conditions: Cos
ϕ/PF=1, Sinusoidal signal f=50 Hz/60 Hz, power supply 120 V/230 V ±10 %.
Current and power specifications: Input voltage 1 ph: 120 V/230 V or 3 ph wye/delta: 230 V/400 V
Input current: I > 10 % of Irange
Primary conductor of clamps or Rogowski coil in center position
Temperature coefficient: Add 0.1 x specified accuracy for each degree C above 28 °C or below 18 °C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com