Electronic Components Datasheet Search
  English  ▼

X  

FLIRDM284 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FLIRDM284
Description  INDUSTRIAL IMAGING MULTIMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FLIRDM284 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FLIRDM284 Datasheet HTML 1Page - List of Unclassifed Manufacturers FLIRDM284 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The FLIR DM284 and DM285 are industrial, all-in-one
True RMS digital multimeters and thermal imagers that
can show you exactly where a hot spot or temperature
anomaly is for faster troubleshooting. Featuring Infrared
Guided Measurement (IGM™) powered by a built-in
160 × 120 FLIR thermal imager, the meters visually guide
you to the precise location of a problem. You’ll pinpoint
issues faster, more safely, and efficiently. Both multimeters
are ideal for inspecting industrial-electrical, mechanical,
HVAC/R, and electronic systems, and can be used for both
benchtop electronics or in the field. The DM285 is Bluetooth-
enabled for wireless transfer of thermal images and data
via METERLiNK® to mobile devices running the FLIR Tools®
mobile app.
flir.com/IGM-Multimeters
INDUS TRIAL IMA GING MULTIMETERS
FLIR DM284/285
TM
TROUBLESHOOT CHALLENGING
PROBLEMS EFFECTIVELY
Fully loaded with features for high
and low voltage applications
WORK SAFER AND SMARTER
Thermal imaging allows you to quickly scan for
overheating system components, then use the DMM
test functions to troubleshoot and diagnose the fault
• Solve challenging problems with the 18-function
DMM including VFD mode, True RMS, LoZ,
NCV, a built-in worklight, and laser pointer
• Measure voltage, current, frequency, resistance,
continuity, diode, capacitance, and temperature
• Operate easily with an intuitive menu system
• Identify energized and faulty equipment
from a safe distance with non-contact
temperature measurement
• Simplify data and thermal imaging
collection and produce instant reports by
connecting via METERLiNK to a smartphone
or tablet running the FLIR Tools app*
• Save electrical parameter data and thermal
images with onboard data storage*
DESIGN AND FUNCTIONALITY
An all-in-one tool that’s built to last
• Rely on the meters’ drop-tested
durability in any working condition
• Change the battery quickly and easily with
the ‘no tool’ battery compartment*
• See readings clearly on the TFT display
with a wide viewing angle*
*DM285 Only.
TM


Similar Part No. - FLIRDM284

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
logo
STMicroelectronics
FLI30336-AC STMICROELECTRONICS-FLI30336-AC Datasheet
125Kb / 7P
Single-chip enhanced LCD TV controller
03-Nov-2008
FLI30502-AC STMICROELECTRONICS-FLI30502-AC Datasheet
199Kb / 7P
Single-chip analog TV processor
08-Sep-2008
More results

Similar Description - FLIRDM284

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX503 EXTECH-EX503 Datasheet
371Kb / 1P
Heavy Duty Industrial MultiMeters
EX503 EXTECH-EX503_15 Datasheet
369Kb / 1P
Heavy Duty Industrial MultiMeters
EX505 EXTECH-EX505_15 Datasheet
369Kb / 1P
Heavy Duty Industrial MultiMeters
EX530 EXTECH-EX530_15 Datasheet
369Kb / 1P
Heavy Duty Industrial MultiMeters
EX520-S EXTECH-EX520-S Datasheet
415Kb / 1P
Industrial MultiMeters
logo
Keysight Technologies
34465A KEYSIGHT-34465A Datasheet
3Mb / 23P
Digital Multimeters
U3400 KEYSIGHT-U3400 Datasheet
2Mb / 21P
Digital Multimeters
logo
List of Unclassifed Man...
DM93 ETC1-DM93 Datasheet
305Kb / 2P
True RMS Industrial Multimeters
34460A ETC-34460A Datasheet
2Mb / 28P
Digital Multimeters
AM-500-EUR ETC-AM-500-EUR Datasheet
1Mb / 2P
Digital Multimeters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com