Electronic Components Datasheet Search
  English  ▼

X  

2SJ174 Datasheet(PDF) 4 Page - VBsemi Electronics Co.,Ltd

Part # 2SJ174
Description  P-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

2SJ174 Datasheet(HTML) 4 Page - VBsemi Electronics Co.,Ltd

  2SJ174 Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 2SJ174 Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 2SJ174 Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 2SJ174 Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 2SJ174 Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 2SJ174 Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 2SJ174 Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Capacitance
On-Resistance vs. Junction Temperature
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
V
SD - Source-to-Drain Voltage (V)
T
J = 150 °C
T
J = 25 °C
0
860
1720
2580
3440
4300
0
10203040
V
DS - Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
0.7
1.0
1.3
1.6
1.9
2.2
- 50
- 25
0
255075
100
125
150
T
J - Junction Temperature (°C)
I
D = 14 A
V
GS = 10 V
V
GS = 4.5 V
Threshold Voltage
Drain Source Breakdown vs. Junction Temperature
Current Derating
1.1
1.4
1.7
2.0
2.3
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
43
45
47
49
51
- 50
- 25
0
25
50
75
100
125
150
T
J -Temperature (°C)
I
D = 250 μA
0
10
20
30
40
0
25
50
75
100
125
150
T
C - Case Temperature (°C)
2SJ174
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
4



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com