Electronic Components Datasheet Search
  English  ▼

X  

WPJ419 Datasheet(PDF) 2 Page - Compex Systems Pte. Lte.

Part # WPJ419
Description  Multi-function IPQ4019 Embedded Board with on-board Wireless
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPEX [Compex Systems Pte. Lte.]
Direct Link  https://compex.com.sg/
Logo COMPEX - Compex Systems Pte. Lte.

WPJ419 Datasheet(HTML) 2 Page - Compex Systems Pte. Lte.

  WPJ419 Datasheet HTML 1Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 2Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 3Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 4Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 5Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 6Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 7Page - Compex Systems Pte. Lte. WPJ419 Datasheet HTML 8Page - Compex Systems Pte. Lte.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
wireless embedded boards-WASABI
Compex Systems Pte Ltd | www.compex.com.sg | (+65) 6286 2086 | sales@compex.com.sg | Last Updated: 15/06/2020 SL, LL
Copyright © Compex Systems. All rights reserved. COMPEX and the COMPEX logo, are registered trademarks of Compex Systems.
While every effort is made to ensure the information is accurate,
Compex does not accept liability for any errors or mistakes that may arise. All specifications are subject to change without notice.
2
wireless embedded boards-WASABI
... Continued from Page 1.
USB /header
2x USB 2.0 (port/header)
Serial Port
2x Serial Port (UART and H-UART)
JTAG Debug Interface
1x JTAG 20 Pin Connector
Push Button Reset
1x F/W Reset
Reference Design
DK04
Host Interface
1x Mini PCI Express v2.0 Slot at 9.9mm Height
1x 4G module slot at 2.0mm Height
Operating Voltage
DC 12V
Frequency Range
2.412~2.472GHz, 5.150~5.825GHz
Modulation Techniques
802.11b: DSSS (DBPSK / DQPSK / CCK)
802.11a/g: OFDM (BPSK / QPSK / 16QAM / 64QAM)
802.11ac/n: OFDM (BPSK / QPSK / 16QAM / 64QAM/256QAM)
Supports Dynamic Frequency Selection (DFS)
Yes
Certification
REACH&RoHS Compliance
Humidity
Operating: 5% to 95% (non-condensing)
Storage: Max. 90% (non-condensing)
Temperature Range
Operating: -20ºC to 70ºC
Storage: -40ºC to 90ºC
Dimension (W x H x D)
120mm x105 mm x15 mm
*Configurations are subject to change without notifications.
Specifications



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com