Electronic Components Datasheet Search
  English  ▼

X  

SD3502 Datasheet(PDF) 21 Page - Silicon Laboratories

Part # SD3502
Description  GENERAL PURPOSE Z-WAVE짰 WIRELESS MICROCONTROLLER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SD3502 Datasheet(HTML) 21 Page - Silicon Laboratories

Back Button SD3502 Datasheet HTML 17Page - Silicon Laboratories SD3502 Datasheet HTML 18Page - Silicon Laboratories SD3502 Datasheet HTML 19Page - Silicon Laboratories SD3502 Datasheet HTML 20Page - Silicon Laboratories SD3502 Datasheet HTML 21Page - Silicon Laboratories SD3502 Datasheet HTML 22Page - Silicon Laboratories SD3502 Datasheet HTML 23Page - Silicon Laboratories SD3502 Datasheet HTML 24Page - Silicon Laboratories SD3502 Datasheet HTML 25Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Datasheet: SD3502
DSH12206-13 | 1/2018
21
IR TRANSMITTER
As an IR Transmitter, the controller generates and streams a data modulated carrier via a GPIO port to an external IR LED driver,
or via up to 3 GPIO’s (16mA/pin) directly to an IR LED unit.
Figure 21: SD3502 with IR transmitter and receiver devices
Data is kept in a compact pre-scaled format and fetched from SRAM using DMA.
IR RECEIVE/LEARN
The controller listens via GPIO port P3.1 for signals received via an external IR Receiver device or circuit as shown in Figure 21.
The status is made available to the application via polling and via the interrupt system.
Incoming pre-scaled ‘base-band’ data is streamed into SRAM using DMA, and the carrier properties will be acquired in IR Learn
Mode.
LED CONTROLLER
A 4 channel PWM generator is fitted on GPIO port 0 pins 4 to 7. This hardware setup makes it easy to enable control and
dimming of your 4 channels current controlled LED supply via any Z-Wave home control network. Basic operation as well as
detailed fine tuning is available via the API.
Parameter
Value
Description
Pulse width resolution
16 bit
Frequency
488 Hz
No Channels
1-4
Pulse turn-on placement method Normal mode
All pulses start at the beginning of the period.
Skewed mode
Channels are started individually. Delay between starts
equals 25% of a period.
Pins
Port 0 pins 4-7
5 volt compliant 16mA GPIO drivers
KEYPAD SCANNER
The chip includes a key scanner to service up to 88 keys. 11 GPIO outputs and 8 GPIO inputs provide all the pull-up resistors and
Schmitt trigger inputs required by the full setup.
Parameter
Value/Description
Key array size
8 rows by 11 columns.
Number of concurrent key
press detections
Min 2, up to 8.
SD3502/IR
P3.4/IRTX0
P3.5/IRTX1
P3.1/IRRX
P3.6/IRTX2
IR LED
R
IR Receiver
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com