Electronic Components Datasheet Search
  English  ▼

X  

FIDO5100BBCZ Datasheet(PDF) 13 Page - Analog Devices

Part # FIDO5100BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5100BBCZ Datasheet(HTML) 13 Page - Analog Devices

Back Button FIDO5100BBCZ Datasheet HTML 9Page - Analog Devices FIDO5100BBCZ Datasheet HTML 10Page - Analog Devices FIDO5100BBCZ Datasheet HTML 11Page - Analog Devices FIDO5100BBCZ Datasheet HTML 12Page - Analog Devices FIDO5100BBCZ Datasheet HTML 13Page - Analog Devices FIDO5100BBCZ Datasheet HTML 14Page - Analog Devices FIDO5100BBCZ Datasheet HTML 15Page - Analog Devices FIDO5100BBCZ Datasheet HTML 16Page - Analog Devices FIDO5100BBCZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
fido5100/fido5200
Rev. E | Page 13 of 19
Data Bus Width
The host interface supports either a 16-bit or 32-bit wide data
bus. The data bus width is determined by the SIZE_32 (Pin E3)
signal that is sampled on the rising edge of RESET. See Table 5
for pin function descriptions for the SIZE_32 and RESET signals.
Endianness
The host interface presents data on the data bus in either big
endian or little endian format. The endianness of the data is
determined by the LE signal (Pin E2), which is sampled on the
rising edge of the RESET signal. See Table 5 for pin function
descriptions for the LE and RESET signals.
The REM switch data bus is defined as follows:
•
D0 = LSB
•
D15 = MSB for 16-bit bus
•
D31 = MSB for 32-bit bus
For all control/status register accesses, there is no difference in
operation based on the setting of the LE pin. The data represen-
tation in a host processor register must match the data that is
transferred over the bus.
All control/status registers are 16-bits wide. If using a 32-bit
bus, transfer the data in the following order: D15 to D0 (D31 to
D16 are ignored when using a 32-bit bus). For example, the
REM switch driver reads the device number register early in the
initialization process. In the case of the number, 0x00003300, the
value read from this register must be transferred across the bus,
as shown in Table 6. When evaluated in the software on the host
processor, the value of these 32 bits results in 0x00003300.
For queue accesses, the REM switch treats all data as byte
arrays. Consider the following example of a stream of bytes
received over an Ethernet cable into a REM switch port and
then transferred to the host. The packet data in network order is
as follows: 0x00, 0x01, 0x02, 0x03, 0x04, 0x05, 0x06, 0x07, 0x08,
0x09, 0x0A, 0x0B, 0x0C, 0x0D, 0x0E, 0x0F.
The data is read differently depending on the setting, as follows:
•
Big endian 16-bit host interface: 0x0001, 0x0203, 0x0405,
0x0607, 0x0809, 0x0A0B, 0x0C0D, 0x0E0F.
•
Big endian 32-bit host interface: 0x00010203, 0x04050607,
0x08090A0B, 0x0C0D0E0F.
•
Little endian 16-bit host interface: 0x0100, 0x0302, 0x0504,
0x0706, 0x0908, 0x0B0A, 0x0D0C, 0x0F0E.
•
Little endian 32-bit host interface: 0x03020100,
0x07060504, 0x0B0A0908, 0x0F0E0D0C.
Consult the REM Switch Software Driver User Guide, available
at www.analog.com/en/products/industrial-ethernet.html for
more details on how to handle endianness in an application of
a device.
Table 6. Control/Status Registers Bit Map
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
1
1
0
0
1
1
0
0
0
0
0
0
0
0
Table 7. Big Endian 16-Bit Data Bus Bit Map, 0x0E0F Hexadecimal
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
0
0
0
0
0
1
1
1
1
Table 8. Big Endian 32-Bit Data Bus Bit Map, 0x0C0D0E0F Hexadecimal
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
1
1
0
0
0
0
0
0
1
1
0
1
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
0
0
0
0
0
1
1
1
1
Table 9. Little Endian 16-Bit Data Bus Bit Map, 0x0E0F Hexadecimal
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
0
Table 10. Little Endian 32-Bit Data Bus Bit Map, 0x0F0E0D0C Hexadecimal
D31
D30
D29
D28
D27
D26
D25
D24
D23
D22
D21
D20
D19
D18
D17
D16
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
1
1
0
1
0
0
0
0
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com