Electronic Components Datasheet Search
  English  ▼

X  

FIDO5200BBCZ Datasheet(PDF) 17 Page - Analog Devices

Part # FIDO5200BBCZ
Description  Real-Time Ethernet Multiprotocol (REM) Switch
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

FIDO5200BBCZ Datasheet(HTML) 17 Page - Analog Devices

Back Button FIDO5200BBCZ Datasheet HTML 11Page - Analog Devices FIDO5200BBCZ Datasheet HTML 12Page - Analog Devices FIDO5200BBCZ Datasheet HTML 13Page - Analog Devices FIDO5200BBCZ Datasheet HTML 14Page - Analog Devices FIDO5200BBCZ Datasheet HTML 15Page - Analog Devices FIDO5200BBCZ Datasheet HTML 16Page - Analog Devices FIDO5200BBCZ Datasheet HTML 17Page - Analog Devices FIDO5200BBCZ Datasheet HTML 18Page - Analog Devices FIDO5200BBCZ Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
fido5100/fido5200
Rev. E | Page 17 of 19
APPLICATIONS INFORMATION
REAL-TIME ETHERNET
MULTIPROTOCOL (REM)
SWITCH
CONFIGURABLE TO
SUPPORT TOPOLOGY
MANAGEMENT
PRP
DLR
MRPD
RSTP
MRP
HSR
INDUSTRIAL FIELD DEVICE
OR CONTROLLER APPLICATION
CONFIGURABLE TO
SUPPORT NETWORK
MANAGEMENT
DCP
LLDP
AGING
VLAN
DHCP
IGMP
LEARNING
CONFIGURABLE TO
SUPPORT INDUSTRIAL
ETHERNET PROTOCOLS
PROFINET, EtherNet/IP,
Modbus TCP, EtherCAT,
ETHERNET POWERLINK
FAST CYCLE TIME,
FAST STARTUP, AND
LOW JITTER
PriorityChannel
TECHNOLOGY
CPU OR
SoC
RAM
APPLICATION
I/O
FLASH
PHY
INDUSTRIAL ETHERNET
NETWORK
PHY
Figure 11. Application for the REM Switch
REM SWITCH HARDWARE
The basic REM switch hardware is identified as the fido5100 or
fido5200. For example, the fido5100 supports the following
protocols:
•
PROFINET RT and IRT, Class B and Class C with fast
startup (Version 2.3)
•
EtherNet/IP with and without DLR (supervisor and node,
announce based and beacon based), QuickConnect, CIP
Sync, and CIP Motion
•
Modbus TCP
•
POWERLINK
The fido5200 supports the following protocols:
•
EtherCAT
•
All protocols defined for the fido5100
The REM switches are PI Net Load Class III capable, and
support media redundancy for planned duplication (MRPD),
high availability seamless redundancy (HSR), and parallel
redundancy protocol (PRP). They also support IEEE 1588
Version 2 for ordinary clock (both peer to peer and end to end
transparent clocks), raw frames, and user datagram protocol
(UDP), as well as discovery configuration protocol (DCP), link
layer discovery protocol (LLDP), dynamic host configuration
protocol (DHCP), rapid spanning tree protocol (RSTP), virtual
local area network (VLAN), and Internet group management
protocol (IGMP) snooping support.
REM Switch Drivers
The REM switch driver for each protocol is provided as
portable C code. The REM Switch Software Driver User Guide
describes the driver for each protocol and its integration into a
host processor. Visit www.analog.com/en/products/industrial-
ethernet.html to download the user guide.
BOARD LAYOUT
The following guidelines provide best practice for board layout
with the REM switch:
•
Use individual polygons for the power planes for each of
the three supplies. Allow at least 0.2 mm of isolation
between the power planes.
•
Isolate clock signals from the other traces and make them
as short as possible.
•
A minimum clearance around the REM switch of 3 mm is
required to facilitate heat dissipation.
DESIGN CONSIDERATIONS
Power
The REM switch require 1.2 V and 3.3 V power supplies. Each
power level requires its own power plane on the PCB.
The REM switch uses 3.3 V LVCMOS logic levels for its I/O.
This I/O requires a 3.3 V (±10%) power supply circuit. Ideally,
this circuit uses a low noise switching power supply. The REM
switch use a 1.2 V (±10%) supply for the core of the chip. The
core power supply requires its own power plane on the PCB.
Additional best practices include
•
Use one 0.1 µF bypass capacitor for every 1.2 V power pin.
•
Use a power supply IC rated to supply at least 100 mA.
•
Supply 3.3 V power from its own layer on the PCB to the
3.3 V power input pins on the REM switch.
•
Use one 0.1 µF bypass capacitor for every 3.3 V power pin.
•
For the 1.2 V analog supply, the signal must be isolated
using a 120 Ω, 500 mA ferrite bead and 10 µF, 1 µF, and
0.1 µF filtering capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com