Electronic Components Datasheet Search
  English  ▼

X  

FT232RQ Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # FT232RQ
Description  Single chip USB to asynchronous serial data transfer interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232RQ Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button FT232RQ Datasheet HTML 32Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 33Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 34Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 35Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 36Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 37Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 38Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 39Page - Future Technology Devices International Ltd. FT232RQ Datasheet HTML 40Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Copyright © Future Technology Devices International Limited
39
FT232R USB UART IC Datasheet
Version 2.16
Document No.: FT_000053 Clearance No.: FTDI# 38
Appendix C – Revision History
Document Title:
FT232R USB UART IC Datasheet
Document Reference No.:
FT_000053
Clearance No.:
FTDI# 38
Product Page:
http://www.ftdichip.com/FTProducts.htm
Document Feedback:
Send Feedback
Revision
Changes
Date
Version 0.90
Initial Release
August 2005
Version 0.96
Revised Pre-release datasheet
October 2005
Version 1.00
Full Datasheet Release
December 2005
Version 1.02
Minor revisions to datasheet
December 2005
Version 1.03
Manufacturer ID added to default EEPROM configuration;
Buffer sizes added
January 2006
Version 1.04
QFN-32 Pad layout and solder paste diagrams added
January 2006
Version 2.00
Reformatted, updated package info, added notes for 3.3V
operation; Part numbers, TID; added UART and CBUS
characteristics for +1.8V;
Corrected RESET#; Added MTTF data;
Corrected the input switching threshold and input hysteresis
values for VCCIO=5V
June 2008
Version 2.01
Corrected pin-out number in table3.2 for GND pin18.
Improved graphics on some Figures.
Add packing details. Changed USB suspend current spec
from 500uA to 2.5mA
Corrected Figure 9.2 QFN dimensions.
August 2008
Version 2.02
Corrected Tape and Reel quantities.
Added comment “PWREN# should be used with a 10kΩ
resistor pull up”.
Replaced TXDEN# with TXDEN since it is active high in
various places.
Added lot number to the device markings.
Added 3V3 regulator output tolerance.
Clarified VCC operation and added section headed “Using an
external Oscillator”
Updated company contact information.
April 2009
Version 2.03
Corrected the RX/TX buffer definitions to be relative to the
USB interface
June 2009
Version 2.04
Additional dimensions added to QFN solder profile
June 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com