Electronic Components Datasheet Search
  English  ▼

X  

FT232R Datasheet(PDF) 11 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  Single chip USB to asynchronous serial data transfer interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 11 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 11Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 12Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 13Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 14Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 15Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Copyright © Future Technology Devices International Limited
11
FT232R USB UART IC Datasheet
Version 2.16
Document No.: FT_000053 Clearance No.: FTDI# 38
3. When used in Input Mode, the input pins are pulled to VCCIO via internal 200kΩ resistors. These
pins can be programmed to gently pull low during USB suspend (PWREN# = “1”) by setting an
option in the internal EEPROM.
3.5 CBUS Signal Options
The following options can be configured on the CBUS I/O pins. CBUS signal options are common to both
package versions of the FT232R. These options can be configured in the internal EEPROM using the
software utility FT_PROG, which can be downloaded from the FTDI Utilities (www.ftdichip.com). The
default configuration is described in Section 8.
CBUS Signal
Option
Available On CBUS Pin
Description
TXDEN
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
Enable transmit data for RS485
PWREN#
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
Output is low after the device has been configured
by USB, then high during USB suspending mode.
This output can be used to control power to
external logic P-Channel logic level MOSFET switch.
Enable the interface pull-down option when using
the PWREN# in this way.*
TXLED#
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
Transmit data LED drive: Data from USB Host to
FT232R. Pulses low when transmitting data via USB.
See Section 7.5 for more details.
RXLED#
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
Receive data LED drive: Data from FT232R to USB
Host. Pulses low when receiving data via USB. See
Section 7.5 for more details.
TX&RXLED#
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
LED drive – pulses low when transmitting or
receiving data via USB. See Section 7.5 for more
details.
SLEEP#
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
Goes low during USB suspend mode. Typically used
to power down an external TTL to RS232 level
converter IC in USB to RS232 converter designs.
CLK48
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
48MHz ±0.7% Clock output. **
CLK24
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
24 MHz Clock output. **
CLK12
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
12 MHz Clock output. **
CLK6
CBUS0, CBUS1, CBUS2,
CBUS3, CBUS4
6 MHz ±0.7% Clock output. **
CBitBangI/O
CBUS0, CBUS1, CBUS2,
CBUS3
CBUS bit bang mode option. Allows up to 4 of the
CBUS pins to be used as general purpose I/O.
Configured individually for CBUS0, CBUS1, CBUS2
and CBUS3 in the internal EEPROM. A separate
application note, AN232R-01, available from FTDI
website (www.ftdichip.com) describes in more detail
how to use CBUS bit bang mode.
BitBangWRn
CBUS0, CBUS1
Synchronous and asynchronous bit bang mode WR#
strobe output.
BitBangRDn
CBUS0, CBUS1, CBUS2,
CBUS3
Synchronous and asynchronous bit bang mode RD#
strobe output.
Table 3.9 CBUS Configuration Control
* PWREN# must be used with a 10kΩ resistor pull up.
**When in USB suspend mode the outputs clocks are also suspended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com