Electronic Components Datasheet Search
  English  ▼

X  

AS7C34098A Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS7C34098A
Description  3.3 V 256 K x 16 CMOS SRAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C34098A Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C34098A Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C34098A Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C34098A Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C34098A Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C34098A Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C34098A Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C34098A Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C34098A Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C34098A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
®
AS7C34098A
8/17/04,v. 2.1
Alliance Semiconductor
P. 4 of 10
Key to switching waveforms
Read waveform 1 (address controlled)6,7,9
Read cycle (over the operating range)3,9
Parameter
Symbol
–10
–12
–15
–20
Unit Notes
Min
Max
Min
Max
Min
Max
Min
Max
Read cycle time
tRC
10
–
12
–
15
–
20
–
ns
Address access time
tAA
–
10
–
12
–
15
–
20
ns
Chip enable (CE) access time
tACE
–
10
–
12
–
15
–
20
ns
Output enable (OE) access time
tOE
–
4
–5–6–7
ns
Output hold from address change
tOH
3
–
3–3–3–
ns
5
CE Low to output in low Z
tCLZ
3
–
3–3–3–
ns
4, 5
CE High to output in high Z
tCHZ
–
5
–6–7–9
ns
4, 5
OE Low to output in low Z
tOLZ
0
–
0–0–0–
ns
4, 5
OE High to output in high Z
tOHZ
–
5
–6–7–9
ns
4, 5
LB, UB access time
tBA
–
5
–6–7–8
ns
LB, UB Low to output in low Z
tBLZ
0
–
0–0–0–
ns
LB, UB High to output in high Z
tBHZ
–
5
–6–7–9
ns
Power up time
tPU
0
–
0–0–0–
ns
5
Power down time
tPD
–
10
–
12
–
15
–
20
ns
5
Undefined/don’t care
Falling input
Rising input
tOH
tAA
tRC
tOH
DataOUT
Address
Data valid
Previous data valid



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com