Electronic Components Datasheet Search
  English  ▼

X  

B3743 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # B3743
Description  The temperature was measured using the FG-100 thermometer.
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

B3743 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button B3743 Datasheet HTML 4Page - List of Unclassifed Manufacturers B3743 Datasheet HTML 5Page - List of Unclassifed Manufacturers B3743 Datasheet HTML 6Page - List of Unclassifed Manufacturers B3743 Datasheet HTML 7Page - List of Unclassifed Manufacturers B3743 Datasheet HTML 8Page - List of Unclassifed Manufacturers B3743 Datasheet HTML 9Page - List of Unclassifed Manufacturers B3743 Datasheet HTML 10Page - List of Unclassifed Manufacturers B3743 Datasheet HTML 11Page - List of Unclassifed Manufacturers B3743 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
6. PARAMETER SETTING
UP
UP
UP
UP
UP
ENTER
ENTER
ENTER
ENTER
ENTER
ENTER
ENTER
ENTER
■
Parameter entering mode
●
℃ or ℉ temperature display selection
1. Either
or
will be displayed if you press the
button when
is displayed.
2.
and
will be switched alternately if you press the
button.
3. The display will return to
if you press the
button after selecting.
●
Low temperature error setting
1. Press the
button to change the display to
.
2. The low-limit temperature will be displayed if you press the
button. Enter the value in the same
manner as setting the temperature in the normal mode [5. OPERATION ●The normal mode]
3. The display will return to
if you press the
button after setting.
●
Setting mode selection
1. Press the
button to change the display to
.
2. If you press the
button, the display will move to the setting mode selection screen. If you press
the
button,
(The normal mode) and
(The preset mode) will be switched alternately.
3. The display will return to
if you press the
button after selecting.*
* If you select the preset mode, the display will move to the preset selection screen.
4.The number of active preset will be displayed If you press the
button at 3.
(Example : If the number is three,
is displayed.)
5. Press the
button to change the value and select the number of active preset you required.
The unit will accept values from 2 through 5.
6. The display will return to
if you press the
button after selecting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com