Electronic Components Datasheet Search
  English  ▼

X  

MMBD352 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMBD352
Description  Dual Hot Carrier Mixer Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD352 Datasheet(HTML) 1 Page - ON Semiconductor

  MMBD352 Datasheet HTML 1Page - ON Semiconductor MMBD352 Datasheet HTML 2Page - ON Semiconductor MMBD352 Datasheet HTML 3Page - ON Semiconductor MMBD352 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dual Hot Carrier Mixer Diodes
These devices are designed primarily for UHF mixer applications
but are suitable also for use in detector and ultra–fast switching
circuits.
• Very Low Capacitance — Less Than 1.0 pF @ Zero Volts
• Low Forward Voltage — 0.5 Volts (Typ) @ IF = 10 mA
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
7.0
VCC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR–5 Board(1)
TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate(2) TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction to Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
–55 to +150
°C
DEVICE MARKING
MMBD352LT1 = M5G; MMBD353LT1 = M4F; MMBD354LT1 = M6H; MMBD355LT1 = MJ1
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Forward Voltage
(IF = 10 mAdc)
VF
—
0.60
V
Reverse Voltage Leakage Current (Note 3.)
(VR = 3.0 V)
(VR = 7.0 V)
IR
—
—
0.25
10
mA
Capacitance
(VR = 0 V, f = 1.0 MHz)
C
—
1.0
pF
1. FR–5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
3. For each individual diode while the second diode is unbiased.
ON Semiconductort
© Semiconductor Components Industries, LLC, 2001
November, 2001 – Rev. 4
1
Publication Order Number:
MMBD352LT1/D
MMBD352LT1
MMBD353LT1
MMBD354LT1
MMBD355LT1
1
2
3
MMBD352LT1
CASE 318–08, STYLE 11
SOT–23 (TO–236AB)
1
ANODE
3
CATHODE/ANODE
2
CATHODE
MMBD353LT1
CASE 318–08, STYLE 19
SOT–23 (TO–236AB)
1
CATHODE
3
CATHODE/ANODE
2
ANODE
MMBD354LT1
CASE 318–08, STYLE 9
SOT–23 (TO–236AB)
3
CATHODE
2
ANODE
ANODE
1
ANODE
3
CATHODE
1
2
CATHODE
MMBD355LT1
CASE 318–08, STYLE 12
SOT–23 (TO–236AB)


Similar Part No. - MMBD352

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD352 LRC-MMBD352 Datasheet
45Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD352 LRC-MMBD352 Datasheet
48Kb / 2P
Dual Schottky Barrier Diode
logo
Pan Jit International I...
MMBD352 PANJIT-MMBD352 Datasheet
84Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
MMBD352 PANJIT-MMBD352 Datasheet
133Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
More results

Similar Description - MMBD352

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD352LT1 LRC-MMBD352LT1 Datasheet
45Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Motorola, Inc
MMBD352LT1 MOTOROLA-MMBD352LT1 Datasheet
60Kb / 4P
Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1 ONSEMI-MMBD352LT1_06 Datasheet
93Kb / 3P
Dual Hot Carrier Mixer Diodes
September, 2006 ??Rev. 6
MMBD352LT1G ONSEMI-MMBD352LT1G_07 Datasheet
122Kb / 3P
Dual Hot Carrier Mixer Diodes
August, 2009 ??Rev. 7
logo
Shenzhen Luguang Electr...
MMBD352 LUGUANG-MMBD352 Datasheet
237Kb / 2P
Dual Hot Carrier Mixer Diodes
MMBD452 LUGUANG-MMBD452 Datasheet
241Kb / 2P
Dual Hot Carrier Mixer Diodes
logo
Diode Semiconductor Kor...
MMBD352 DSK-MMBD352 Datasheet
229Kb / 3P
Dual Hot Carrier Mixer Diodes
logo
ON Semiconductor
MMBD352LT1G ONSEMI-MMBD352LT1G Datasheet
127Kb / 3P
Dual Hot Carrier Mixer Diodes
October, 2016 ??Rev. 9
MMBD452LT1G ONSEMI-MMBD452LT1G Datasheet
123Kb / 3P
Dual Hot-Carrier Diodes
October, 2016 ??Rev. 5
logo
Shenzhen Luguang Electr...
MMBD452 LUGUANG-MMBD452_V01 Datasheet
1Mb / 2P
Dual Hot Carrier Mixer Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com