Electronic Components Datasheet Search
  English  ▼

X  

COM-1H Datasheet(PDF) 2 Page - Contec Co., Ltd

Part # COM-1H
Description  Low Profile PCI-bus RS-232C Serial I/O Board 1Ch Type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-1H Datasheet(HTML) 2 Page - Contec Co., Ltd

  COM-1H Datasheet HTML 1Page - Contec Co., Ltd COM-1H Datasheet HTML 2Page - Contec Co., Ltd COM-1H Datasheet HTML 3Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ver.1.21
COM-1(LPCI)H
2
Cable & Connector (Option)
Cable (option)
RS-232C D-SUB9P straight cable (1.8m) : RSS-9M /F
RS-232C D-SUB9P cross cable (1.8m) :
RSC-9F
RS-232C connector conversion straight cable
(25M -> 9F, 1.8m) :
RSS-25M /9F
RS-232C connector convers ion cross cable
(25F -> 9F, 1.8m) :
RSC-25F/9F
The distribution cable for COM -4ch board
(44M -> 9M x4,250mm) :
PCE44/9P4S
The distribution cable for COM -2ch board
(44M -> 9M x2,250mm) :
PCE44/9P2S
Connector (option)
9pin D -SUB (male) connector Five-piece set :CN5-D9M
9pin D -SUB (female) connector Five-piece set :CN5-D9F
25pin D-SUB (male) connector Five-piece set :CN 5-D25M
25pin D-SUB (female) connector Five-piece set :
CN5-D25F
44 pin D-SUB (male) connector Five-piece set :
CN5-D44M
Support Software
Attached support software
Standard COM serial communication driver software COM
Setup Disk
It is the software for using the serial communication board of
our company like the COM port (standard COM ) of the
main part of a personal computer by Windows or Linux. It
can set up to COM 1-COM 256 by extens ion of a board.
It is possible t o perform various serial communications, such
as remote access service (RA S) and a power supply (UPS)
non-cut the electric current off.
In Windows, it corresponds to the st andard Win32API
communication functions (CreateFile () and WriteF ile(),
ReadF ile () and SetCommSt ate(), etc.) for OS. It corres ponds
to communication control (M SComm) of Visual Basic.
In Linux, it is based on the standard type driver for O S. It
corresponds to the standard function of open () and close(),
read () and write(), etc.
Environment of operation
The main corresp ondences OS Windows X P, 2000, N T, M e,
98, Linux, etc.
Note!
- The number of the maximum COM por ts changes with
OS environment to be used.
Optional support software
Collection for measurement systems development of ActiveX
components ACX-PAC(W32)BP
It is the convenient measurement systems development tool
for Windows in which the collection of examples which can
be used immediat ely, and the collection (collect ion of
software parts) of components which can program easily
only by combining were mentioned.
Component for control of the input-and-output board (card)
of our company is made the one package. Analog I/O, digital
I/O, control of each interface of GPIB communication and X-
Y graph display, and file preservation are possible.
Collection for measurement systems development of ActiveX
components ACX-PAC(W32)AP
In addition to the function of ACX-PAC(W32)BP,
components, such as display systems, such as various graph,
switch, and lamp , and operation / analysis, serve as a
package.
Gratis download service
API Function Library API-PA C(W32)
It is the library software which offers the command to the
hardware of our company in standard Win32API function
(DLL) form for Windows. By the various programming
languages which are supporting Win32API functions, such as
Visual Basic, and Visual C/C+ +, the high-speed application
software which harnessed the special feature of the hardware
of our company can be created.
The newest driver and download service (http://www.contec.
co.jp/apipac/) of difference file are also offered.
Environment of operation
M ain correspondence OS Windows 2000, NT, M e, 98, etc
M ain adaptation languages Visual C++, Borland C++, Visual
Basic, etc.
Others The hard disk which has 20M B empty domain for
every library soft ware is required.
Note!
- They are the local functions which were original with our
company as for this library, and were defined. (SioOpen
( ) and SioWrite( ), SioRead ( ) and SioStatus( ), etc. ) It
is not compatible with the standard Win32API
communication functions (CreateFile( ) and WriteFile( )
etc.) for OS.
When using it by MS-DOS
Please refer to the sample program for M S-DOS in appending
CD-ROM .
Packing List
- Board[COM -1(LPCI)H] - 1
- This Users M anual - 1
- COM Setup Disk(CD-ROM ) - 1
- Bracket for PCI - 1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com