Electronic Components Datasheet Search
  English  ▼

X  

COM-1PDGY Datasheet(PDF) 1 Page - Contec Co., Ltd

Part # COM-1PDGY
Description  F&eIT Series Isolated RS-422A/485 1ch Communication Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONTEC [Contec Co., Ltd]
Direct Link  https://www.contec.com/
Logo CONTEC - Contec Co., Ltd

COM-1PDGY Datasheet(HTML) 1 Page - Contec Co., Ltd

  COM-1PDGY Datasheet HTML 1Page - Contec Co., Ltd COM-1PDGY Datasheet HTML 2Page - Contec Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ver.1.02
COM-1PD(FIT)GY
1
F&eIT Series Isolated RS-422A/485 1ch
Communication Module
COM-1PD(FIT)GY
* Specifications, color and design of the products are subject to change
without notice.
The COM-1PD(FIT)GY performs serial communication with an external
device in compliance with RS-422A/485, capable of serving as COM3 or
COM4 of an F&eIT series microcontroller unit.
The module can also serve as an expansion COM port for a media
converter [RP-COM(FIT)H, RP-COM(FIT)H-AF, or FX-DS540-COM2].
Features
RS-422A/485 serial communication ports
The communication lines are electrically isolated from the module.
High-speed communication is supported at up to 921,600bps
(115,200bps in compatible mode).
A baud rate can be set by software.
The module has 128-byte FIFO buffers for transmit and receive.
Driver software is supplied to allow the serial ports to be used as
standard Windows or Linux COM ports. *1
The data transfer mode (full duplex or half duplex) can be set by a
switch.
The board includes a 100Ω terminating resistor required for multi-drop
(party line) connections. The resistor can be inserted into the signal
line by a switch.
Surge protection is provided for each RS-422A/485 signal line.
Up to three units can be added (at the time of enhanced mode) as
expansion ports for micro controller unit. *2
Up to three units can be added as expansion ports for media
converters [RP-COM(FIT)H, RP-COM(FIT)H-AF, FX-DS540-COM2].
Similar to other F&eIT series products, the system, in the module itself,
incorporates a 35-mm DIN rail mounting mechanism as a standard
item. A connection to a controller module can be effected on a
lateral, stack basis in a unique configuration, which permits a simple,
smart system configuration without the need for a backplane board.
*1 When using it as the expansion port for micro controller unit
*2 Two units can be added at the time of compatible mode
Packing List
Product [COM-1PD(FIT)GY] …1
First step guide … 1
Disk [F&eIT Series Setup Disk] *1 …1
*1 The CD-ROM contains various software and User’s Manual
Specifications
Specifications
Item
Specification
Number of channels
1ch
Interface type
RS-422A/RS-485
Isolation
Bus Isolation
Isolation voltage
1000VDC
Transfer method
Asynchronous serial transfer (Full/Half duplex)
Baud rate*5
2 - 921,600bps *1 *2*4
Data length*5
5, 6, 7, 8 bits
1, 1.5, 2 stop bits *1
Parity check
Even,Odd, Non-parity *1
Controller chip
162850 or equivalent
(The module has 128-byte receive and 128-byte transmit FIFO buffers.)
Interrupt requests
1 level use
Power consumption
5VDC 300mA (Max.)
Connecting distance
Within 1200m *3
Dimension (mm)
25.2(W) x 64.7(D) x 94.0(H) (No protrusions)
Weight(module itself)
100g
Module connection method Stack connection by the connector that is provided with the side of module
Module installation
method
One-touch connectionto 35mm DIN rails.
(standard connection mechanism provided in the system)
*1 These items can be set by software.
*2 Data transmission at high speed may not be performed normally depending on the environment including
the type of status of connected material of cable and environment.
*3 The table below lists an example of the relationship between baud rate and communication distance.
Communication distance
Baud rate
300m
115,200bps
600m
57,600bps
900m
19,200bps
1200m
9,600bps
Communication cable: 28AWG, double shielded cable, twisted pairs usedfor each +/- signal line.
*4 For the"Driver Library API-PAC(W32)" on the supplied CD-ROM, the range is 15 - 921,600 bps.
*5 When stacked in a media converter, the setting(s) depend on the media converter. For detailed specifications,
refer to the media converter's instruction manual.
When connecting the moduleto a controller module, the internal power consumption should be taken into
account. If the total current exceeds the capacity of the power supply unit, the integrity of the operation
cannot be guaranteed. For further details, please see the Controller Module manual.
Installation Environment Requirements
Parameter
Requirement description
Operatingtemperature
0 - 50ºC
Storagetemperature
-10 - 60ºC
Humidity
10 - 90% (No condensation)
Floating dust particles
Not to be excessive
Corrosive gases
None
Standard
VCCI Class A, FCC Class A, CE Marking (EMC DirectiveClass A,RoHS Directive)
CAUTION


Similar Part No. - COM-1PDGY

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
COM-1PDH CONTEC-COM-1PDH Datasheet
83Kb / 3P
Isolated RS-422A/485 1ch Serial I/O Board for Low Profile PCI
COM-1PDH-LPE CONTEC-COM-1PDH-LPE Datasheet
287Kb / 3P
RS-422A/485 1ch Serial I/O Board with Isolation for PCI Express Low Profile
More results

Similar Description - COM-1PDGY

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
CPSN-COM-1PD CONTEC-CPSN-COM-1PD Datasheet
368Kb / 2P
Serial I/O Module RS-422A/485
CNT16-8GY CONTEC-CNT16-8GY Datasheet
115Kb / 3P
F&eIT Series Isolated Up Counter Module
CNT24-2GY CONTEC-CNT24-2GY Datasheet
170Kb / 4P
F&eIT Series Isolated Counter Module
COM-1PDH CONTEC-COM-1PDH Datasheet
83Kb / 3P
Isolated RS-422A/485 1ch Serial I/O Board for Low Profile PCI
COM-2GY CONTEC-COM-2GY Datasheet
136Kb / 4P
F&eIT Series RS-232C 2ch Communication Module
COM-4PDHN-USB CONTEC-COM-4PDHN-USB Datasheet
450Kb / 4P
N Series for USB RS-422A/485 4ch Isolated Serial I/O Unit
COM-4PD-PE CONTEC-COM-4PD-PE Datasheet
386Kb / 3P
RS 422A/485 Isolated Serial I/O Board for PCI Express 4ch
DI-32GY CONTEC-DI-32GY Datasheet
238Kb / 3P
F&eIT Series Isolated Digital Input Module
DO-16GY CONTEC-DO-16GY Datasheet
121Kb / 3P
F&eIT Series Isolated Digital Output Module
DO-32GY CONTEC-DO-32GY Datasheet
232Kb / 3P
F&eIT Series Isolated Digital Output Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com