| Electronic Components Datasheet Search |
|
COM-2H Datasheet(PDF) 1 Page - Contec Co., Ltd |
|
|
|||||||||||||||||||||||||||||
COM-2H Datasheet(HTML) 1 Page - Contec Co., Ltd |
|
1 / 3 page ![]() Ver.1.22 COM-2(LPCI)H 1 RS-232C 2ch Serial I/O Board for Low Profile PCI COM-2(LPCI)H * Specifications, color and design of the products are subject to change without notice. This product is a low profile sized PCI bus-supported board designed for extending RS-232C compatible serial communication functionality on your PC. The COM-2(LPCI)H has two RS-232C communication ports. With a 128byte built-in FIFO buffer for transmission and reception of each channel, the product supports a baud rate of up to 921,600bps. It also comes with a Windows/Linux driver, which allows boards to be used as OS-standard COM ports. This product supports CONTEC-defined driver library “API-PAC(W32)” that provide local routines. Max. 921,600bps RS-232C Serial Communication This product has two RS-232C-standard serial ports. Baud rates from 2 to 921,600bps can be set. When using the bundled “Standard COM Driver Software” and “Driver library API-PAC(W32)”, baud rates from 15 to 921,600bps can be set. Possibly used as Windows, Linux-standard COM ports, using the bundled driver library Comes with a driver software that allows the products to be used under Windows / Linux in the same way as COM ports on the PC. Under Windows, the product supports the OS-standard Win32 API communication function as well as Visual Basic MSComm. Under Linux, OS-standard tty driver’s standard-function can be used. In addition, supplies a diagnostic program to confirm hardware operation and to perform a communication test with equipment. Max. 16 boards can be installed as configured in the range COM1 - COM256. Up to 16 boards can be mounted on a single PC. COM1 - COM256 can be set using the device manager. Each channel is equipped with separate 128-byte FIFO buffers for transmit and receive. Employed a buffer memory 128-byte dedicated to transmission and 128-byte for each channel. These are FIFO format, useful for high speed communications and to reduce the load to the CPU when transmitting/receiving. As the device manager can be used to enable/disable the use of FIFO and set the FIFO trigger size, you can build an optimum system according to your use. Support for Low Profile size slot / standard size slot Bundled with each bracket for Low Profile size slot / standard size slot. Exchanges it for the standard size bracket when mounting on the standard size slot. The control line for RS-232C can be controlled and monitored by software. The control lines for RTS, CTS, DTR and DSR can be controlled and monitored using software. To suit your application, cables and connectors are available as optional Distribution cable for 2channels and 44-pin D-SUB connectors (male type) for your own cables are available as optional. Driver library API-PAC(W32) is supported. API-PAC(W32) is library software based on Win32 API routines (DLL), which provides local routines specific to CONTEC. You can create high-speed application software taking advantage of the CONTEC hardware using various programming languages that support Win32 API functions, such as Visual Basic and Visual C++. Features |
Similar Part No. - COM-2H |
|
Similar Description - COM-2H |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |