Electronic Components Datasheet Search
  English  ▼

X  

PIC16F917E/SP301 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F917E/SP301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F917E/SP301 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F917E/SP301 Datasheet HTML 65Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 66Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 67Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 68Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 69Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 70Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 71Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 72Page - Microchip Technology PIC16F917E/SP301 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 272 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41250E-page 67
PIC16F917/916/914/913
FIGURE 3-27:
BLOCK DIAGRAM OF RE3/MCLR/VPP
TABLE 3-5:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
Resets
09h
PORTE
—
—
—
—
RE3
RE2
RE1
RE0
---- xxxx
---- uuuu
1Fh
ADCON0
ADFM
VCFG1
VCFG0
CHS2
CHS1
CHS0
GO/DONE
ADON
0000 0000
0000 0000
89h
TRISE
—
—
—
—TRISE3(3)
TRISE2(2)
TRISE1(2)
TRISE0(2)
---- 1111
---- 1111
91h
ANSEL
ANS7
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
1111 1111
1111 1111
107h
LCDCON
LCDEN
SLPEN
WERR
VLCDEN
CS1
CS0
LMUX1
LMUX0
0001 0011
0001 0011
11Eh
LCDSE2(1,2)
SE23
SE22
SE21
SE20
SE19
SE18
SE17
SE16
0000 0000
uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented locations read as ‘0’. Shaded cells are not used by PORTC.
Note
1:
This register is only initialized by a POR or BOR reset and is unchanged by other Resets.
2:
PIC16F914/917 only.
3:
Bit is read-only; TRISE = 1 always.
HV Detect
MCLR Filter(1)
RE3/MCLR/VPP
RE Port
MCLR circuit
Programming mode
Data Bus
RE TRIS
MCLRE
Note 1:
The MCLR filter is bypassed in Emulation mode.
HV
Buffer
Schmitt Trigger
HV
Buffer
Schmitt Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com