Electronic Components Datasheet Search
  English  ▼

X  

TPE-2W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TPE-2W
Description  2W 1.5KVDC Isolated Single Output DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TPE-2W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TPE-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TPE-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited TPE-2W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TPE-2W Series
www.gztoppower.com
TEL:0086-20-62162688
EMAIL:sales2@gztoppower.com
page 1 of 3
DESCRIPTION:
The TPE-2W series are miniature, isolated 2W DC/DC converters in a SIP package. They offer the
ideal solution in many space critical applications for board level power distribution. The internal
SMD construction makes it possible to offer a product with high performance at low cost. The series
offers smaller size, improved efficiency, lower output ripple noise.
2W 1.5KVDC Isolated Single Output DC/DC Converters
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage SIP package
Tested for 1 second
1500
VDC
Resistance
Viso= 1000VDC
1
GΩ
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA= - 40°C to 85°C
1.0
W
Voltage Set Point Accuracy
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%/%
Load Regulation(10%load to rated load)
3.3V output
14
15
%
FEATURES
RoHS compliant
Single isolated output
SIP:1.5KVDC isolation
Efficiency up to 81%
Operating temperature :-40
℃ to 105℃
Power density 2.0W/cm3
UL 94V-0 package material
Footprint from 1.05cm2
Industry standard pinout
Input voltage: 3.3V, 5V, 12V ,15V
Output voltage:3.3V,5V, 7.2V,9V, 12V, 15V & 24V
CE certification
SELECTION GUIDE
Part Number
Nominal Input Voltage
Output Voltage
Output Current (Max./Min)
Efficiency
Package Style
V
V
mA
%
TPE0303S-2W
3.3
3.3
606/60.6
72
SIP
TPE0305S-2W
3.3
5
400/40
74
SIP
TPE0503S-2W
5
3.3
606/60.6
72
SIP
TPE0505S-2W
5
5
400/40
70
SIP
TPE0507S-2W
5
7.2
270/27
70
SIP
TPE0509S-2W
5
9
221/22.1
78
SIP
TPE0512S-2W
5
12
168/16.8
78
SIP
TPE0515S-2W
5
15
132/13.2
80
SIP
TPE0524S-2W
5
24
83.3/8.33
79
SIP
TPE1203S-2W
12
3.3
606/60.6
72
SIP
TPE1205S-2W
12
5
400/40
71
SIP
TPE1207S-2W
12
7.2
270/27
71
SIP
TPE1209S-2W
12
9
221/22.1
73
SIP
TPE1212S-2W
12
12
168/16.8
76
SIP
TPE1215S-2W
12
15
132/13.2
74
SIP
TPE1505S-2W
15
5
400/40
71
SIP
TPE1509S-2W
15
9
221/22.1
73
SIP
TPE1512S-2W
15
12
168/16.8
76
SIP
TPE1515S-2W
15
15
132/13.2
74
SIP
INPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
3.3V input
2.9
3.3
3.6
V
Voltage range
5V input
4.5
5.0
5.5
V
Voltage range
12V input
10.8
12.0
13.2
V
Voltage range
15V input
13.4
15
16.4
V
Reflected ripple current
26
48
mA p-p


Similar Part No. - TPE-2W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPE-3W TOPPOWER-TPE-3W Datasheet
753Kb / 3P
TP785.5-10
TPE-E TOPPOWER-TPE-E Datasheet
257Kb / 3P
1W 1.5KVDC and 2KVDC Isolated Single Output DC/DC Converters
More results

Similar Description - TPE-2W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL Datasheet
614Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE Datasheet
635Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE-W5 TOPPOWER-TPLE-W5 Datasheet
633Kb / 3P
0.5W 1.5KVDC Isolated Single Output DC/DC Converters
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
2W Isolated Single Output DC/DC Converters
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
TPL TOPPOWER-TPL_19 Datasheet
695Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPL_19 TOPPOWER-TPL_19_04 Datasheet
195Kb / 3P
2W 1.5KVDC Isolated Single Output DC/DC Converters
TPLE TOPPOWER-TPLE_V01 Datasheet
762Kb / 3P
0.25W 1.5KVDC Isolated Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com