Electronic Components Datasheet Search
  English  ▼

X  

RS6501 Datasheet(PDF) 2 Page - Princeton Technology Corp

Part # RS6501
Description  150KHz, 40V, 2A PWM Buck DC/DC Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

RS6501 Datasheet(HTML) 2 Page - Princeton Technology Corp

  RS6501 Datasheet HTML 1Page - Princeton Technology Corp RS6501 Datasheet HTML 2Page - Princeton Technology Corp RS6501 Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RS6501
V1.1
2
August 2014
APPLICATION CIRCUIT
ORDER INFORMATION
Device
Device Code
RS6501‐XX YY Z
XX is nominal output voltage (for example, AD=ADJ, 33 = 3.3V, 50 = 5.0V, 12 = 12V).
Y is package designator :
S : SOP‐8
Z is Lead Free designator :
P: Commercial Standard, Lead (Pb) Free and Phosphorous (P) Free Package
G: Green (Halogen Free with Commercial Standard)
PIN CONFIGURATION
PIN DESCRIPTION
Symbol
Description
Pin
VIN
Regulator Input Pin
1
VOUT
Regulator Output Pin
2
FB
Output Voltage Feed Back Control Pin
3
SD
ON/OFF Shutdown Pin
4
GND
Ground Pin
5, 6, 7, 8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com