Electronic Components Datasheet Search
  English  ▼

X  

1145113 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1145113
Description  Rotary actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1145113 Datasheet(HTML) 1 Page - Festo Corporation.

  1145113 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rotary actuator
DSM-T-40-270-CC-FW-A-B
Part number: 1145113
Data sheet
Feature
Value
Size
40
Cushioning angle
16 deg
Adjustment range of swivel angle
0 deg ... 240 deg
Swivel angle
0 deg ... 240 deg
Type code
DSM
Cushioning
Pneumatic shock absorber at both ends
Mounting position
Any
Precision adjustment
-6 deg
Mode of operation
Double-acting
Design
Rotary vane
Position sensing
For proximity sensor
Symbol
00991265
Operating pressure
2 bar ... 10 bar
Max. swivel frequency at 6 bar
0.7 Hz
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
0 - No corrosion stress
Ambient temperature
-10 °C ... 60 °C
Max. axial force
120 N
Max. radial force
350 N
Theoretical torque at 6 bar
40 Nm
Permissible mass moment of inertia
0.11 kgm²
Product weight
4105 g
Type of mounting
With internal thread
Pneumatic connection
G1/8
Note on materials
Free of copper and PTFE
RoHS-compliant
Drive shaft material
Steel
Nickel-plated
Seals material
TPE-U(PU)
Housing material
Wrought aluminum alloy
9/10/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 1145113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1145110 FESTO-1145110 Datasheet
101Kb / 1P
Rotary actuator
1145111 FESTO-1145111 Datasheet
98Kb / 1P
Rotary actuator
1145112 FESTO-1145112 Datasheet
92Kb / 1P
Rotary actuator
1145116 FESTO-1145116 Datasheet
101Kb / 1P
Rotary actuator
1145117 FESTO-1145117 Datasheet
98Kb / 1P
Rotary actuator
More results

Similar Description - 1145113

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DRVS-32-180-P-EX4 FESTO-DRVS-32-180-P-EX4 Datasheet
97Kb / 2P
Rotary actuator
DSM-10-240-P-A FESTO-DSM-10-240-P-A Datasheet
91Kb / 1P
Rotary actuator
DSM-10-240-P-A-FF-FW FESTO-DSM-10-240-P-A-FF-FW Datasheet
106Kb / 1P
Rotary actuator
DSM-10-240-P-FW FESTO-DSM-10-240-P-FW Datasheet
96Kb / 1P
Rotary actuator
DSM-12-270-P1-A-B FESTO-DSM-12-270-P1-A-B Datasheet
102Kb / 1P
Rotary actuator
DSM-16-270-A-B FESTO-DSM-16-270-A-B Datasheet
96Kb / 1P
Rotary actuator
DSM-16-270-CC-A-B FESTO-DSM-16-270-CC-A-B Datasheet
92Kb / 1P
Rotary actuator
DRVS-8-90-P-EX4 FESTO-DRVS-8-90-P-EX4 Datasheet
94Kb / 2P
Rotary actuator
DRVS-8-180-P FESTO-DRVS-8-180-P Datasheet
90Kb / 1P
Rotary actuator
DRVS-16-90-P-EX4 FESTO-DRVS-16-90-P-EX4 Datasheet
96Kb / 2P
Rotary actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com