Electronic Components Datasheet Search
  English  ▼

X  

30657 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 30657
Description  Quarter turn actuator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

30657 Datasheet(HTML) 1 Page - Festo Corporation.

  30657 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Quarter turn actuator
DSRL-32-180-P-FW
Part number: 30657
Data sheet
Feature
Value
Size
32
Cushioning angle
1.2 deg
Adjustment range of swivel angle
0 deg ... 180 deg
Swivel angle
0 deg ... 180 deg
Type code
DSRL
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Double-acting
Design
Rotary vane
Position sensing
None
Symbol
00991265
Operating pressure
1.5 bar ... 8 bar
Max. swivel frequency at 6 bar
3 Hz
Operating medium
Compressed air as per ISO 8573-1:2010 [7:-:-]
Ambient temperature
-10 °C ... 60 °C
Theoretical torque at 6 bar
10 Nm
Product weight
1300 g
Type of mounting
With through-hole
Pneumatic connection
G1/8
Drive shaft material
Nickel-plated
Steel
Seals material
NBR
9/11/20 - Subject to change - Festo AG & Co. KG
1/1


Similar Part No. - 30657

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3065 ETC2-3065 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
KR Electronics, Inc.
3065 KR-3065 Datasheet
75Kb / 3P
88 MHz Lowpass Filter
logo
List of Unclassifed Man...
3065 ETC2-3065 Datasheet
78Kb / 1P
KNOB
logo
Heyco.
3065 HEYCO-3065 Datasheet
117Kb / 1P
Pry Out Plugs
logo
List of Unclassifed Man...
3065-E ETC2-3065-E Datasheet
82Kb / 1P
KNOB
More results

Similar Description - 30657

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8005039 FESTO-8005039 Datasheet
108Kb / 2P
Quarter turn actuator
8005040 FESTO-8005040 Datasheet
108Kb / 2P
Quarter turn actuator
8005050 FESTO-8005050 Datasheet
109Kb / 2P
Quarter turn actuator
8005053 FESTO-8005053 Datasheet
109Kb / 2P
Quarter turn actuator
8005061 FESTO-8005061 Datasheet
105Kb / 2P
Quarter turn actuator
8005063 FESTO-8005063 Datasheet
106Kb / 2P
Quarter turn actuator
8005064 FESTO-8005064 Datasheet
105Kb / 2P
Quarter turn actuator
8005066 FESTO-8005066 Datasheet
105Kb / 2P
Quarter turn actuator
8005072 FESTO-8005072 Datasheet
105Kb / 2P
Quarter turn actuator
8030606 FESTO-8030606 Datasheet
95Kb / 2P
Quarter turn actuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com