Electronic Components Datasheet Search
  English  ▼

X  

E73 Datasheet(PDF) 3 Page - Gilway Technical Lamp

Part # E73
Description  Engineering Catalog 169
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E73 Datasheet(HTML) 3 Page - Gilway Technical Lamp

  E73 Datasheet HTML 1Page - Gilway Technical Lamp E73 Datasheet HTML 2Page - Gilway Technical Lamp E73 Datasheet HTML 3Page - Gilway Technical Lamp E73 Datasheet HTML 4Page - Gilway Technical Lamp E73 Datasheet HTML 5Page - Gilway Technical Lamp E73 Datasheet HTML 6Page - Gilway Technical Lamp E73 Datasheet HTML 7Page - Gilway Technical Lamp E73 Datasheet HTML 8Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
A
B
Surface Mount LEDs (Round Lens)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
2
θθθθθ½
Typical
Maximum
at 20mA
Drawing
1
E70
Translucent
80.0mcd
120.0mcd
120°
1.85V
2.50V
660nm
A
Red
2
E71
Translucent
12.5mcd
30.0mcd
120°
2.00V
2.50V
625nm
B
Red
3
E72
Translucent
8.0mcd
20.0mcd
120°
2.10V
2.50V
590nm
B
Yellow
4
E73
Translucent
12.5mcd
30.0mcd
120°
2.20V
2.50V
565nm
B
Green
5
E74
Clear
2.0mcd
8.0mcd
120o
2.25V
2.60V
555nm
B
6
E75
Translucent
2.0mcd
5.0mcd
110o
4.5V
5.5V
430nm
B
Blue
7
E77
Translucent
40.0mcd
100mcd
120o
2.0V
2.4V
595nm
B
Yellow
8
E78
Translucent
12.5mcd
40.0mcd
120o
2.0V
2.6V
610nm
B
Orange
9
E79
Translucent
200mcd
400mcd
120o
1.95V
2.5V
620nm
B
Orange
Tape & Reel packaging is standard, 1500 LEDs per reel. Recommended Soldering Pad Page 84, number 4.
ULTRA BRIGHT
• RED
HIGH EFFICIENCY
• RED
• YELLOW
• GREEN
PURE
• GREEN
ULTRA BRIGHT
• YELLOW
• BLUE
ULTRA BRIGHT
• ORANGE
• ORANGE
D
Surface Mount LEDs with Resistor - 5V
Luminous Intensity Viewing
Current Range
Peak
Line
Part
Voltage Range
at 5VDC
Angle
at 5VDC
Wave Length
No.
No.
Lens
Minimum Maximum
Minimum Maximum
2
θθθθθ½
Minimum
Maximum
at 5VDC
Drawing
10
E70-5V Translucent
4.0VDC
6.0VDC
20.0mcd
80.0mcd
120°
8mA
16mA
660nm
C
11
E71-5V Translucent
4.0VDC
6.0VDC
5.0mcd
20.0mcd
120°
8mA
16mA
625nm
D
12
E72-5V Translucent
4.0VDC
6.0VDC
3.2mcd
8.0mcd
120°
8mA
16mA
590nm
D
13
E73-5V Translucent
4.0VDC
6.0VDC
5.0mcd
12.5mcd
120°
8mA
16mA
565nm
D
Tape & Reel packaging is standard, 1500 LEDs per reel. Recommended soldering pad, page 84, number 4.
• YELLOW
• RED
• GREEN
C
• RED
55



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com