Electronic Components Datasheet Search
  English  ▼

X  

B02 Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # B02
Description  3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

B02 Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  B02 Datasheet HTML 1Page - Mitsumi Electronics, Corp. B02 Datasheet HTML 2Page - Mitsumi Electronics, Corp. B02 Datasheet HTML 3Page - Mitsumi Electronics, Corp. B02 Datasheet HTML 4Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
3 to 4 cell Lithium-ion/Lithium-polymer battery secondaryr potection protection IC MM3625 Series
(8) Absolute maximum ratings
VDD pin
VSS−0.3V to VSS+20V
Voltage between the input pins of voltage of battery
−0.3V to +10V
FUSE pin, EN pin, SEL pin,CTL pin supply voltage
VSS−0.3V to VDD+0.3V
VOUT pin output voltage
VSS−0.3V to VSS+20V
VOUT pin output current
150µA
Storage temperature
−55°C to +125°C
Operating temperature
−55°C to +125°C
(9) Recommened operating conditions
Operating temperature
−40°C to +85°C
Supply Voltage
VSS 4.5V to VSS 18.0V
VOUT pin output current
0 to 100µA
Pin Assignment
Top view
Pin No. Input / Output
Function
PLP-10A
VDD
V3
V2
V1
VSS
SEL
VOUT
FUSE
EN
CTL
1
2
3
4
5
10
9
8
7
6
1
INPUT
The input terminal of the power supply of IC and the positive
voltage of V4 cell.
2
INPUT
The input terminal of the positive voltage of V3 cell, and the
negative voltage of V4 cell.
3
INPUT
The input terminal of the positive voltage of V2 cell, and the
negative voltage of V3 cell.
4
INPUT
The input terminal of the positive voltage of V1 cell, and the
negative voltage of V2 cell.
5
INPUT
The input terminal of the negative voltage of V1 cell.
The input terminal of the ground of IC.
6
INPUT
This terminal is for changing function for 3cell in series or
4cell in series.
Input voltage
VSS
4Cell in series
VDD
3Cell in series (Connect V4 and V3 pin)
7
OUTPUT
Regulator output terminal.
8
OUTPUT
Charge control output terminal. Output type is CMOS.
· Normal mode : Low
· Overcharge mode : High
9
INPUT
Regulator output ON control terminal.
Input level
High
Regulator output compulsion ON.
VSS
Regulator-off detection is possible.
10
INPUT
FUSE output ON control terminal.
Input level
VDD
FUSE output High
VSS
FUSE output Low



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com