Electronic Components Datasheet Search
  English  ▼

X  

E75 Datasheet(PDF) 8 Page - Gilway Technical Lamp

Part # E75
Description  Engineering Catalog 169
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E75 Datasheet(HTML) 8 Page - Gilway Technical Lamp

  E75 Datasheet HTML 1Page - Gilway Technical Lamp E75 Datasheet HTML 2Page - Gilway Technical Lamp E75 Datasheet HTML 3Page - Gilway Technical Lamp E75 Datasheet HTML 4Page - Gilway Technical Lamp E75 Datasheet HTML 5Page - Gilway Technical Lamp E75 Datasheet HTML 6Page - Gilway Technical Lamp E75 Datasheet HTML 7Page - Gilway Technical Lamp E75 Datasheet HTML 8Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Axial Lead LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E36A
Translucent
200.0mcd
1000.0mcd
30°
1.85V
2.50V
660nm
A
Red
2
E39A
Translucent
20.0mcd
100.0mcd
30°
2.00V
2.50V
625nm
B
Red
3
E37A
Translucent
20.0mcd
70.0mcd
30°
2.10V
2.50V
590nm
B
Yellow
4
E37B
Translucent
700.0mcd
1300mcd
30°
2.00V
2.50V
595nm
B
Yellow
5
E38A
Translucent
20.0mcd
70.0mcd
30°
2.20V
2.50V
565nm
B
Green
ULTRA BRIGHT
• RED
HIGH EFFICIENCY
• RED
• YELLOW
• GREEN
A
B
ULTRA BRIGHT
• YELLOW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com