Electronic Components Datasheet Search
  English  ▼

X  

SO239 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SO239
Description  For those special projects when you need to mount an SO-239, the DX Engineering
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SO239 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SO239 Datasheet HTML 1Page - List of Unclassifed Manufacturers SO239 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optional Items
SO-239, Chassis Mount Socket, Silver Plating, Teflon Insulation - DXE-112-KIT
Chassis mount SO-239 with Silver plating and Teflon insulation for high power situations. Packaged with the correct stainless bolts, flat
washers, star washers and Nyloc locking nuts.
• Silver plated, Teflon insulated, Stainless steel hardware, Nyloc nuts
Amphenol SO-239, Chassis Mount Socket, Teflon Insulation - DXE-83-798-KIT
Chassis mount genuine Amphenol SO-239 with Teflon insulation for high power situations. Packaged with the correct stainless bolts, flat
washers, star washers and Nyloc locking nuts.
• Teflon insulation, Stainless steel hardware, Nyloc nuts
Amphenol SO-239, Chassis Mount Socket, Glass Reinforced PBT Insulation - DXE-83-1R-KIT
Chassis mount genuine Amphenol SO-239 with glass reinforced PBT insulation for power level up to 3KW. Packaged with the correct
stainless bolts, flat washers, star washers and Nyloc locking nuts.
• Glass reinforced PBT insulation for power level up to 3 KW, Stainless steel hardware, Nyloc nuts
Bulkhead Fitting, SO-239 Socket, Silver Plating, Teflon Insulation - DXE-363-SST
This hi-quality bulkhead connector uses silver plated outer and inner conductors and a Teflon insulator. The connector has very low loss
and high electrical break down. It comes with two nuts to secure the connector to our radial plate or other flat surface. Perfect for use with
the DX Engineering Radial Plate (DXE-RADP-1P) it ensures the radial ground system, the antenna ground and the feedline shield are
common. It can also be used in other coaxial applications where the male ends (PL-259) of 2 coax cables need to be connected, such as
when joining two pieces of coax together. Don't forget to waterproof coaxial connections.
• Silver plated, Teflon insulated, Very low loss, High electrical break down, 2 in. long
SO-239 Chassis Mount "D" Style, Silver Plating, Teflon Insulation - DXE-SO239D-1
This hi-quality SO-239 "D" style connector uses silver plated outer and inner conductors and a Teflon insulator. The connector has
very low loss and high electrical break down. It comes with a mounting nut, star washer and shield connection washer to secure the
connector to our SO-239 Mounting Bracket or other "D" hole SO-239 mounting.
DXE-1023 - TypeN Double Female Bulkhead Adapter
Body Silver Plated
Center Pin Gold PlatedDielectric Teflon®
Tool Kit for SO-239/Bulkhead Connector Installation - DXE-T001
Versatile tool kit to aid in installation of chassis or bulkhead mount SO-239 coax connectors. Includes a special Stainless
Steel 3/4" semi-box wrench with pass-through for coaxial cable - perfect for the tightening large nut used to mount
bulkhead connectors. The other end is a 3/16" box wrench for tightening mounting nuts with SO-239 hardware. Also
included is a multipurpose 6-in-1 screwdriver/nutdriver tool featuring two Phillips heads, two flat heads, a 1/4 in. nut driver
and a 5/16 in. nut driver. Bits store in the handle of screwdriver for easy mobility
Black Vinyl Cap for SO-239, (0.612 in. O.D.) 20 Pack, (SO-239 Protector) - DXE-VC-0612
Utilize this cap to protect unused SO-239 connectors. Great for Antenna Switches, Phasing Controllers, Mobile Antennas, and
Transceivers. These black vinyl caps are also designed to fit over the end of tubing or pipe to keep moisture out and are perfect for
sealing antenna elements. Made from a strong UV rated material, they will withstand the abuse of nature and keep moisture, dust or
other contamination out of your connectors.
• Black Vinyl Material - UV Rated
• Great for outside installation
• Will stretch to fit securely over an SO-239 or a nominal 0.612 in. OD Tube
• Length: 1/2 in.
• 20 pieces in a pack
©DX Engineering 2010
P.O. Box 1491 Akron, OH 44309-1491 USA
Phone: 800-777-0703 - Tech Support and International: 330-562-3200
Fax: 330-572-32679 - E-mail: DXEngineering@DXEngineering.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com