Electronic Components Datasheet Search
  English  ▼

X  

T568B Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # T568B
Description  24 AWG solid or stranded conductor maximum insulated diameter 0.040 in
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

T568B Datasheet(HTML) 1 Page - PANDUIT CORP.

  T568B Datasheet HTML 1Page - PANDUIT CORP. T568B Datasheet HTML 2Page - PANDUIT CORP. T568B Datasheet HTML 3Page - PANDUIT CORP. T568B Datasheet HTML 4Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For Technical Support: www.panduit.com/resources/install_maintain.asp
INSTALLATION INSTRUCTIONS
© Panduit Corp. 2014
PN375C
Page 1 of 4
TX6 PLUS Shielded Modular Plug
T568B & T568A
Part Number: SPS688-C
• Thread boot and collar onto cable.
• Remove 1.5" of the outer jacket using wire stripping tool
(CJAST).
• Cut foil flush with cable jacket. If cable is braided, form braid
into a drain wire. Bend the drain wire back so it is against the
cable jacket.
• Fan twisted pairs into respective quadrants. The brown pair
should be opposite the orange pair.
• Cut spline flush to fanned pairs using wire snipping tool
(CWST).
1 Thread on boot
and collar first!
(Cable ends 1 & 2)
90°
CWST
Specifications
• Cable jacket diameter 0.225-0.250 in.
• 24 AWG solid or stranded conductor maximum
insulated diameter 0.040 in.
• Panduit recommends T568B wiring scheme for
use with cable constructed with the brown pair
opposing the orange pair.
• For use with FTP, ScTP, SFTP and STP/PIMF
type cables. Cable must have drain wire or braid.
Conductor holes and contact slots
Strain relief boot
Strain relief collar
Divider
Load bar
Plug housing with shield
Load Bar
1
8
Divider
Conductor slots and “V” channel
• Align the conductor divider “V” channel with the green pair.
• Insert divider posts into the cable. If the cable has an internal
spline, insert divider posts into the brown and orange
quadrants of the spline.
2
BLU
GRN
“V” channel
BRN
ORG
GRN
BLU
BRN
ORG
(Cable end 2)
(Cable end 1)
“V” channel
Drain wire
Drain wire
• Arrange conductors to T568B wiring scheme while minimizing
untwist.
• Seat conductors into proper divider slots while holding divider
flush with cable jacket.
3
“V” channel
(Cable end 1)
(Cable end 2)
T568B Wiring Scheme
T568B BRN
8
WHT
7
BRN/
6
GRN WHT
5
BLU/
4
BLU WHT
3
GRN/
2
ORG WHT
1
ORG/
Pin #
(Cable end 2)
(Cable end 1)
“V” channel
Conductor holes
Contact slots
Divider post
Pins


Similar Part No. - T568B

ManufacturerPart #DatasheetDescription
logo
Videk Ltd
T568B VIDEK-T568B Datasheet
196Kb / 1P
Cat5e UTP RJ45 Male to Female Extension Cables
logo
TUK Ltd
T568B TUK-T568B Datasheet
2Mb / 3P
Category 6A field termination plug
17/05/2016
More results

Similar Description - T568B

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0082245904 MOLEX3-0082245904 Datasheet
222Kb / 4P
2.54mm (.100") Pitch Round Conductor Flat Cable - 24 AWG (7 x 32) Stranded
logo
List of Unclassifed Man...
1346005 ETC2-1346005 Datasheet
100Kb / 3P
22 AWG stranded (7x30) TC conductor, FEP insulation
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
1510C ETC2-1510C Datasheet
87Kb / 3P
24 AWG stranded (7x32) TC conductor, polyolefin insulation, individually shielded Beldfoil
logo
Hubbell Incorporated.
BIBD43RK HUBBELL-BIBD43RK Datasheet
262Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-4 AWG.
BIBD202RK HUBBELL-BIBD202RK Datasheet
265Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-2/0 AWG, 1.52 IN L.
BIBD2502RK HUBBELL-BIBD2502RK Datasheet
267Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded
BIBS203RK HUBBELL-BIBS203RK Datasheet
263Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:14 AWG-2/0 AWG, 2.19 IN L.
BIBS2503RK HUBBELL-BIBS2503RK Datasheet
262Kb / 2P
Clear Insulated Multiple Tap Connector,Copper Conductor Stranded - Size Range:10 AWG-250 kcmil, Length: 2.97 IN L.
logo
List of Unclassifed Man...
UL1007 ETC-UL1007 Datasheet
64Kb / 1P
UL1007 Hook Up Wire Stranded or Solid
1/27/20
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com