Electronic Components Datasheet Search
  English  ▼

X  

SR527SW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SR527SW
Description  22mAh Mercury Free
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SR527SW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SR527SW Datasheet HTML 1Page - List of Unclassifed Manufacturers SR527SW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Discharge Characteristics
Measurement conditions:
Temp: 23 deg C Load: 36 k
Ω
Low Temperature Characteristics
Measurement conditions:
Temp:-10 deg C
Load:2k
Ω 7.8msec pulse
Shelf Life
Measurement conditions:Temp:23 deg C
Storage conditions: 60 deg C Dry
Load:36k
Ω
Anti-leakage Performance
Storage conditions:
Temp:45 deg C Humidity:93% R.H.
*Data is for reference only and is not guaranteed.
**Changes may be made at any time to the information here without prior notice.
SR527SW 319
2. Dimensions
1. Specifications
3. Characteristics
Seiko Instruments Inc.
Micro Energy Division
8, Nakase 1-chome, Mihama-ku, Chiba-shi , Chiba 261-8507 Japan
Tel:(+81) 43-211-1735 FAX: (+81)43-211-8034 www.sii-me.com
22mAh Mercury Free
Diameter
Height
Model
SR527SW
Nominal Voltage
1.55V
Nominal Capacity
22mAh [cov:1.20V]
Dimensions
5.80㎜
2.70㎜
Standard Discharge Current
40μA
Operating Temperature Range
-10℃~+60℃
Weight
0.29g


Similar Part No. - SR527SW

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR52 MOSPEC-SR52 Datasheet
227Kb / 3P
SCHOTTKY BARRIER RECTIFIERS(5.0A,20-60V)
logo
Yea Shin Technology Co....
SR52 YEASHIN-SR52 Datasheet
406Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Chip Integration Techno...
SR52 CITC-SR52 Datasheet
457Kb / 3P
5A Leaded Type Schottky Barrier Rectifiers
logo
Won-Top Electronics
SR52 WTE-SR52 Datasheet
52Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2012
SR52-T3 WTE-SR52-T3 Datasheet
52Kb / 4P
5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
September, 2012
More results

Similar Description - SR527SW

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
logo
Energizer
EZ312-8AP ENERGIZER-EZ312-8AP Datasheet
172Kb / 1P
ENERGIZER 312 size - Mercury Free
logo
List of Unclassifed Man...
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
Alkaline Manganese Dioxide (mercury free)
SR616SW ETC1-SR616SW Datasheet
597Kb / 2P
16mAh Mercury Free
SR916SW ETC1-SR916SW Datasheet
597Kb / 2P
27mAh Mercury Free
logo
Seiko Instruments Inc
SR731SW SII-SR731SW Datasheet
599Kb / 2P
36mAh Mercury Free
SR512SW SII-SR512SW Datasheet
594Kb / 2P
5.5mAh Mercury Free
SR716SW SII-SR716SW Datasheet
596Kb / 2P
21mAh Mercury Free
SR920W SII-SR920W Datasheet
598Kb / 2P
42 mAh Mercury Free
logo
GPB International Limit...
GP1604E GP-GP1604E Datasheet
36Kb / 1P
Mercury Free Layer Built General Purpose Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com