Electronic Components Datasheet Search
  English  ▼

X  

SR916SW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SR916SW
Description  27mAh Mercury Free
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SR916SW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SR916SW Datasheet HTML 1Page - List of Unclassifed Manufacturers SR916SW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Discharge Characteristics
Measurement conditions:
Temp: 23 deg C Load: 30k
Ω
Low Temperature Characteristics
Measurement conditions:
Temp:-10 deg C
Load:2k
Ω 7.8msec pulse
Shelf Life
Measurement conditions:Temp:23 deg C
Storage conditions: 60 deg C Dry
Load:30k
Ω
Anti-leakage Performance
Storage conditions:
Temp:45 deg C Humidity:93% R.H.
*Data is for reference only and is not guaranteed.
**Changes may be made at any time to the information here without prior notice.
SR916SW 373
2. Dimensions
1. Specifications
3. Characteristics
Seiko Instruments Inc.
Micro Energy Division
8, Nakase 1-chome, Mihama-ku, Chiba-shi , Chiba 261-8507 Japan
Tel:(+81) 43-211-1735 FAX: (+81)43-211-8034 www.sii-me.com
27mAh Mercury Free
Diameter
Height
Dimensions
9.50㎜
1.65㎜
Standard Discharge Current
50μA
Operating Temperature Range
-10℃~+60℃
Weight
0.51g
Model
SR916SW
Nominal Voltage
1.55V
Nominal Capacity
27mAh [cov:1.20V]


Similar Part No. - SR916SW

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR916 VANLONG-SR916 Datasheet
91Kb / 2P
916.50 MHz One-Port SAW Resonator
More results

Similar Description - SR916SW

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
20144 AEC-20144 Datasheet
157Kb / 1P
Tilt Switch - Mercury
logo
Energizer
EZ312-8AP ENERGIZER-EZ312-8AP Datasheet
172Kb / 1P
ENERGIZER 312 size - Mercury Free
logo
List of Unclassifed Man...
4LR44 ETC2-4LR44 Datasheet
247Kb / 1P
Alkaline Manganese Dioxide (mercury free)
SR527SW ETC1-SR527SW Datasheet
601Kb / 2P
22mAh Mercury Free
SR616SW ETC1-SR616SW Datasheet
597Kb / 2P
16mAh Mercury Free
logo
Seiko Instruments Inc
SR731SW SII-SR731SW Datasheet
599Kb / 2P
36mAh Mercury Free
SR512SW SII-SR512SW Datasheet
594Kb / 2P
5.5mAh Mercury Free
SR716SW SII-SR716SW Datasheet
596Kb / 2P
21mAh Mercury Free
SR920W SII-SR920W Datasheet
598Kb / 2P
42 mAh Mercury Free
logo
GPB International Limit...
GP1604E GP-GP1604E Datasheet
36Kb / 1P
Mercury Free Layer Built General Purpose Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com