Electronic Components Datasheet Search
  English  ▼

X  

WSF4060 Datasheet(PDF) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSF4060
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSF4060 Datasheet(HTML) 5 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSF4060 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4060 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4060 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4060 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4060 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4060 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSF4060 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
N-Ch MOSFET
WSF4060
Page 5
www.winsok.tw
Dec.2014
Typical Characteristics
VDS - Drain - Source Voltage (V)
-50
-25
0
25
50
75
100 125 150
Tj - Junction Temperature (
°C)
VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
Capacitance
Gate Charge
QG - Gate Charge (nC)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
R
ON
@T
j
=25
oC: 6.2mΩ
Drain-Source On Resistance
V
GS
= 10V
I
DS
= 20A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
T
j
=150
oC
T
j
=25
oC
0
5
10
15
20
25
30
35
40
0
300
600
900
1200
1500
1800
2100
2400
Frequency=1MHz
Crss
Coss
Ciss
0
4
8
12
16
20
24
28
32
0
1
2
3
4
5
6
7
8
9
10
V
DS
= 15V
I
DS
= 40A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com