Electronic Components Datasheet Search
  English  ▼

X  

SSD2828 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SSD2828
Description  Support 24bit video mode up to 1200 x 1920 (Landscape and Portrait)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SSD2828 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SSD2828 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD2828 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Selection Guide
Part Number
Max Resolution
Rx Input Signal
Tx Output Signal
Application
Package
SSD2825G44
1280 x 800
24 bits RGB
DSI video mode 4 lane, 600Mbps/lane
Smartphone
BGA 4x4 64L
SSD2828G44
1920 x 1200
24 bits RGB
DSI video mode 4 lane, 1.0Gbps/lane
Smartphone
BGA 4x4 64L
SSD2828QN4
1920 x 1200
24 bits RGB
DSI video mode 4 lane, 1.0Gbps/lane
Tablet and Industrial
QFN 8x8 68L
DSI command/
SSD2848K1
1920 x 1200
video mode 4 lane,
Smartphone/Tablet
WLCSP 84L
1.5Gbps/lane
MOBILE SYSTEM
MIPI Display Interface Controller
Application Diagram
DSI command/ video mode 4 lane,
1.0Gbps/lane
solutions in silicon
Sales Contact
Solomon Systech Limited
Hong Kong
Solomon Systech Limited (Head Office)
852-2207 1111
sales@solomon-systech.com
Shenzhen
Solomon Systech (Shenzhen) Limited
86-755-8616 9900
sales_sch@solomon-systech.com
Shanghai
Solomon Systech (Shenzhen) Limited
86-21-5836 3151 /
sales_nch@solomon-systech.com
86-22-8823 3639
Beijing
Solomon Systech (Shenzhen) Limited
86-10-8766 5497 / 5498
sales_nch@solomon-systech.com
Taiwan
Solomon Systech Taiwan Limited
886-3572 0660
sales_twn@solomon-systech.com
Singapore
Solomon Systech Pte. Ltd.
65-6255 5225
sales_sea@solomon-systech.com
Japan
Solomon Systech Japan Co., Ltd.
81-3-6809 5163
sales_jpn@solomon-systech.com
USA
Solomon Systech Inc.
1-408-320 1329
sales_usa@solomon-systech.com
Europe
Solomon Europe Limited
49-0-6174 619892 /
sales_eur@solomon-systech.com
(Authorized Representative)
(M) 49-0-172 6734354
South Korea
Solomon Electronics Co., Ltd.
82-2-3445 8011
sales_kor@solomon-systech.com
(Authorized Representative)
Solomon Systech (International) Limited is a
leading semiconductor company providing IC
products and system solutions that enable a wide
range of display applications for smartphones,
smart TVs, smart projectors and other smart
devices including consumer electronics products,
portable devices, industrial appliances and green
energy applications such as LED lighting.
www.solomon-systech.com
© Copyright 2013 | April 2013
SSD2848
SSD2825
SSD2828
Processor
Processor
1080 RGB X 1920
Display
1280 RGB X 800
1920 RGB X 1200
Display
DSI 4 lane
DSI 4 lane
DSI 4 lane
24 bits RGB



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com