Electronic Components Datasheet Search
  English  ▼

X  

STDP4020 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # STDP4020
Description  Reference Design Eval Kit
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

STDP4020 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STDP4020 Datasheet HTML 2Page - List of Unclassifed Manufacturers STDP4020 Datasheet HTML 3Page - List of Unclassifed Manufacturers STDP4020 Datasheet HTML 4Page - List of Unclassifed Manufacturers STDP4020 Datasheet HTML 5Page - List of Unclassifed Manufacturers STDP4020 Datasheet HTML 6Page - List of Unclassifed Manufacturers STDP4020 Datasheet HTML 7Page - List of Unclassifed Manufacturers STDP4020 Datasheet HTML 8Page - List of Unclassifed Manufacturers STDP4020 Datasheet HTML 9Page - List of Unclassifed Manufacturers STDP4020 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
X Reference Design Eval Kit
STDP4020-RD1
March 2020
– Revision 03a (Rev. B)
Page 6 of 14
Company Confidential
3.2. In-System Programming (ISP)
RD1-4020 uses SPI Flash to store the firmware. In case of a new firmware upgrade, one of the following
methods can be used.
1.
ISP through DisplayPort connector: Allows programming the SPI Flash through DisplayPort input
connector. Requires DP ISP board and GProbe software tool (contact Kinetic).
2.
ISP through UART connector: Allows programming the SPI Flash through UART (RS232)
connector. Requires GProbe board (RS232 converter circuit) and GProbe software tool (contact
Kinetic).
4. Diagnosis
If the image does not come up, follow the steps below for diagnosis.
Note:
The diagnosis requires the Kinetic GProbe software and hardware tool. Contact Kinetic for the
GProbe software and board.
1.
Install the GProbe diagnostic tool on a computer and set the baud rate to 115,200.
2.
Connect Kinetic GProbe board (not supplied) to the serial port (or USB port if using USB
version) of the computer.
3.
Connect the other end of the GProbe board to connector (CN403) on the RD1-4020 board using
4-wire cable (part of the GProbe board).
Note:
CHECK POLARITY while connecting the cable; Pin 1 is marked on the board. The 4-wire cable
connection from CN403 to GProbe board is 1 to 1.
4.
Hit the Reset button on the board (RESET SW402). You will see the firmware version and date of
firmware in the GProbe window. This indicates the DP receiver IC is functional. If the message
does not appear, reprogram the Flash using the ISP method described in the GProbe user guide.
5.
Using an oscilloscope, check the video input and output from the STDP4020.
Note:
Refer to the STDP4020 datasheet for pin out descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com