Electronic Components Datasheet Search
  English  ▼

X  

E1001 Datasheet(PDF) 2 Page - Gilway Technical Lamp

Part # E1001
Description  Engineering Catalog 169
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E1001 Datasheet(HTML) 2 Page - Gilway Technical Lamp

  E1001 Datasheet HTML 1Page - Gilway Technical Lamp E1001 Datasheet HTML 2Page - Gilway Technical Lamp E1001 Datasheet HTML 3Page - Gilway Technical Lamp E1001 Datasheet HTML 4Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
T-1 and T-1¾, Super Bright, Green GaP LEDs
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Size
Lens
Minimum Maximum
2
θθθθθ½
Typical Maximum
at 20mA
Drawing
1
E166
T-1
Clear
100mcd
300mcd
50°
2.2V
2.5V
565nm
A
2
E196
T-1
Diffused
40mcd
60mcd
60°
2.2V
2.5V
565nm
A
3
E168
T-1¾
Clear
100mcd
200mcd
30°
2.2V
2.5V
565nm
B
• GREEN
• GREEN
• GREEN
T-1 and T-1¾, Mega Bright Green, GaN LEDs
Luminous Intensity
Viewing
Forward Voltage
Reverse
Peak
Line
Part
at 20mA
Angle
at 20mA
Current
Wave Length
No.
No.
Size
Lens
Minimum
Typical
2
θθθθθ½
Typical Maximum
(V
R=5.0V)
at 20mA
Drawing
4
E902
T-1
Clear
6800mcd 13,200mcd
15°
3.5V
4.0V
50µA
525nm
C
5
E903
T-1¾
Clear
13,800mcd 16,000mcd
15°
3.5V
4.0V
50µA
525nm
D
• GREEN
• GREEN
C
65
1MAX
1
.5
1. 5
CATHODE
27 MI N
8 .6
2 .5 4
2. 54
5
5. 9
5.9
B
A
D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com