Electronic Components Datasheet Search
  English  ▼

X  

E510 Datasheet(PDF) 5 Page - Gilway Technical Lamp

Part # E510
Description  Engineering Catalog 169
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GILWAY [Gilway Technical Lamp]
Direct Link  http://www.gilway.com
Logo GILWAY - Gilway Technical Lamp

E510 Datasheet(HTML) 5 Page - Gilway Technical Lamp

  E510 Datasheet HTML 1Page - Gilway Technical Lamp E510 Datasheet HTML 2Page - Gilway Technical Lamp E510 Datasheet HTML 3Page - Gilway Technical Lamp E510 Datasheet HTML 4Page - Gilway Technical Lamp E510 Datasheet HTML 5Page - Gilway Technical Lamp E510 Datasheet HTML 6Page - Gilway Technical Lamp E510 Datasheet HTML 7Page - Gilway Technical Lamp E510 Datasheet HTML 8Page - Gilway Technical Lamp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Telephone: 781-935-4442
sales@gilway.com
Fax: 781-938-5867
www.gilway.com
Engineering Catalog 169
Surface Mount Infrared LEDs: 880nm, 940nm
Radiant Power
Vewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
2
θθθθθ½
Typical
Maximum
at 20mA
Drawing
1
E25A
Clear
1.25mW/sr
5.0mW/sr
120°
1.2V
1.5V
940nm
A
2
E26A
Translucent Blue
1mW/sr
5.0mW/sr
120°
1.4V
1.7V
880nm
B
Tape & Reel packaging is standard, 1,500 LEDs per reel.
Recommended soldering pad, see page 84, number 4.
INFRARED
INFRARED
A
B
Low Profile Surface Mount LEDs (standard package 0603)
Luminous Intensity
Viewing
Forward Voltage
Peak
Line
Part
at 20mA
Angle
at 20mA
Wave Length
No.
No.
Lens
Minimum
Maximum
2
θθθθθ½
Typical
Maximum
at 20mA
Drawing
3
E510
Translucent
40.0mcd
70.0mcd
120°
1.85V
2.50V
660nm
C
Red
4
E511
Translucent
5.0mcd
12.0mcd
120°
2.00V
2.50V
625nm
D
Red
5
E512
Translucent
3.2mcd
8.0mcd
120°
2.10V
2.50V
590nm
D
Yellow
6
E513
Translucent
3.2mcd
8.0mcd
120°
2.20V
2.50V
565nm
D
Green
Tape & Reel packaging is standard, 2000 LEDs per reel.
Recommended Soldering Pad Page 84, number 7 .
ULTRA BRIGHT
• RED
HIGH EFFICIENCY
• RED
• YELLOW
• GREEN
57
D
C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com