Electronic Components Datasheet Search
  English  ▼

X  

ASM2P3807AH Datasheet(PDF) 19 Page - Alliance Semiconductor Corporation

Part # ASM2P3807AH
Description  3.3V CMOS 1-TO-10 CLOCK DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM2P3807AH Datasheet(HTML) 19 Page - Alliance Semiconductor Corporation

Back Button ASM2P3807AH Datasheet HTML 11Page - Alliance Semiconductor Corporation ASM2P3807AH Datasheet HTML 12Page - Alliance Semiconductor Corporation ASM2P3807AH Datasheet HTML 13Page - Alliance Semiconductor Corporation ASM2P3807AH Datasheet HTML 14Page - Alliance Semiconductor Corporation ASM2P3807AH Datasheet HTML 15Page - Alliance Semiconductor Corporation ASM2P3807AH Datasheet HTML 16Page - Alliance Semiconductor Corporation ASM2P3807AH Datasheet HTML 17Page - Alliance Semiconductor Corporation ASM2P3807AH Datasheet HTML 18Page - Alliance Semiconductor Corporation ASM2P3807AH Datasheet HTML 19Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
June 2005
ASM2P3807AH
rev 0.2
3.3V CMOS 1-TO-10 CLOCK DRIVER
19 of 19
Notice: The information in this document is subject to change without notice.
Note: This product utilizes US Patent # 6,646,463 Impedance Emulator Patent issued to Alliance Semiconductor, dated 11-11-2003
© Copyright 2003 Alliance Semiconductor Corporation. All rights reserved. Our three-point logo, our name and Intelliwatt are
trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their
respective companies. Alliance reserves the right to make changes to this document and its products at any time without
notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein
represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this
data at any time, without notice. If the product described herein is under development, significant changes to these
specifications are possible. The information in this product data sheet is intended to be general descriptive information for
potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or
customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product
described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products
including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual
property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance).
All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of
products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any
other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical
components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant
injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer
assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.
Alliance Semiconductor Corporation
2595, Augustine Drive,
Santa Clara, CA 95054
Tel# 408-855-4900
Fax: 408-855-4999
www.alsc.com
Copyright © Alliance Semiconductor
All Rights Reserved
Advance Information
Part Number: ASM2P3807AH
Document Version: v0.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com