Electronic Components Datasheet Search
  English  ▼

X  

D3KB05 Datasheet(PDF) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # D3KB05
Description  3.0A BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

D3KB05 Datasheet(HTML) 1 Page - Zibo Seno Electronic Engineering Co.,Ltd

  D3KB05 Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd D3KB05 Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
= 3.0A
V
Lead Free: For RoHS / Lead Free Version
MIL-STD-202, Method 208
MIL-STD-202, Method 208
Weight: 1.7 grams (approx.)
Polarity: As Marked on Body
Ideal for Printed Circuit Boards
High Surge Current Capability
Low Forward Voltage Drop
Case: Molded Plastic
3.0A BRIDGE RECTIFIER
Features
!
Diffused Junction
!
!
High Current Capability
!
High Reliability
!
!
Mechanical Data
!
!
!
!
Mounting Position: Any
!
Marking: Type Number
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B05
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
3.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
60
A
Forward Voltage (per element)
@IF
FM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
2
500
µA
Typical Thermal Resistance (Note 3)
RJA
35
K/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
3. Thermal resistance junction to ambient mounted on PC board with 12mm2 copper pad.
D3K
1 of 2
!
Z ibo Seno Electronic Engineering Co., Ltd.
Terminals: Plated Leads Solderable per
B10
B20
B40
B60
B80
B100
www.senocn.com
D3KB05 – D3KB100
D3K
All Dimensions in mm
D3K
D3K
D3K
D3K
D3K
D3K
D3KB05 – D3KB100


Similar Part No. - D3KB05

ManufacturerPart #DatasheetDescription
logo
Bytesonic Electronics C...
D3KB05 BYTESONIC-D3KB05 Datasheet
192Kb / 2P
GLASSPASSIVATED BRIDGE
Version 1.0 2014/11/10
logo
Zibo Seno Electronic En...
D3KB05 ZSELEC-D3KB05 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
D3KB05 WTE-D3KB05 Datasheet
51Kb / 4P
3.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
Zibo Seno Electronic En...
D3KB05 ZSELEC-D3KB05_V01 Datasheet
104Kb / 2P
3.0A BRIDGE RECTIFIER
More results

Similar Description - D3KB05

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
KBPC300 WTE-KBPC300 Datasheet
32Kb / 3P
3.0A BRIDGE RECTIFIER
logo
Diodes Incorporated
PBPC301 DIODES-PBPC301 Datasheet
51Kb / 2P
3.0A BRIDGE RECTIFIER
DS21345 Rev. C-2
logo
DONGGUAN YOU FENG WEI E...
KBP301 YFWDIODE-KBP301 Datasheet
3Mb / 2P
3.0A BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
GBP301 ZSELEC-GBP301 Datasheet
58Kb / 2P
3.0A BRIDGE RECTIFIER
KBP301 ZSELEC-KBP301 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
KBP301G ZSELEC-KBP301G Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
KBP3005 ZSELEC-KBP3005 Datasheet
338Kb / 2P
3.0A BRIDGE RECTIFIER
UR3KB05 ZSELEC-UR3KB05 Datasheet
118Kb / 2P
3.0A BRIDGE RECTIFIER
3RS101M ZSELEC-3RS101M Datasheet
95Kb / 2P
3.0A BRIDGE RECTIFIER
GBP301 ZSELEC-GBP301_V01 Datasheet
85Kb / 2P
3.0A BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com