Electronic Components Datasheet Search
  English  ▼

X  

ASM3P2508A Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # ASM3P2508A
Description  Peak EMI Reducing Solution
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2508A Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  ASM3P2508A Datasheet HTML 1Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2508A Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Alliance Semiconductor
2575 Augustine Drive
• Santa Clara CA • Tel: 408-855-4900 • Fax: 408-855-4999 • www.alsc.com
rev 1.3
February 2005
ASM3P2508A
Peak EMI Reducing Solution
Features
Generates an EMI optimized clocking signal at
output.
Input frequency – 14.31818 MHz.
Frequency outputs:
o
120 MHz (modulated) - default.
o
72 MHz (modulated) or 48 MHz
(modulated) selectable via I2C
± 1% Centre spread.
Modulation rate: 40 KHz.
Byte Write via I2C
Supply voltage range 3.3V ± 0.3V.
Available in 8-pin SOIC Package.
Available
in
Commercial
and
Industrial
Temperature ranges.
Product Description
The ASM3P2508A is a versatile spread spectrum
frequency
modulator.
The
ASM3P2508A
reduces
electromagnetic interference (EMI) at the clock source.
The ASM3P2508A allows significant system cost savings
by reducing the number of circuit board layers and
shielding that are required to pass EMI regulations. The
ASM3P2508A modulates the output of PLL in order to
spread the bandwidth of a synthesized clock, thereby
decreasing the peak amplitudes of its harmonics. This
results in significantly lower system EMI compared to the
typical narrow band signal produced by oscillators and
most clock generators. Lowering EMI by increasing a
signal’s bandwidth is called spread spectrum clock
generation.
The ASM3P2508A has a feature to power down the
72MHz/48MHz output by writing data into specific
registers in the device via I2C. By writing a ‘0’ into bit 1 of
Byte 0, the PLL block generating 72 MHz / 48MHz can be
powered down. Writing ‘0’ into bit ‘7’ of Byte 1 selects an
output of 72 MHz on FOUT2CLK while a ‘1’ at the same
location selects a 48 MHz clock output. However, the I2C
block, crystal oscillator, and the PLL block generating
120MHz would be always running.
Block Diagram
FOUT2CLK
(72 MHz / 48 MHz)
SDA
Crystal
Oscillator
PLL 1
SCL
XIN
XOUT
VSS
VDD
FOUT1CLK
(120 MHz)
I2C
Interface
PLL 2


Similar Part No. - ASM3P2508A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2508A PULSECORE-ASM3P2508A Datasheet
401Kb / 9P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2508A ONSEMI-ASM3P2508A Datasheet
126Kb / 8P
Peak EMI Reducing
August, 2011 ??Rev. P3
logo
PulseCore Semiconductor
ASM3P2508AF-08SR PULSECORE-ASM3P2508AF-08SR Datasheet
401Kb / 9P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2508AF-08SR ONSEMI-ASM3P2508AF-08SR Datasheet
126Kb / 8P
Peak EMI Reducing
August, 2011 ??Rev. P3
logo
PulseCore Semiconductor
ASM3P2508AF-08ST PULSECORE-ASM3P2508AF-08ST Datasheet
401Kb / 9P
Peak EMI Reducing Solution
More results

Similar Description - ASM3P2508A

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
Peak EMI Reducing Solution
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
Peak Reducing EMI Solution
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com