Electronic Components Datasheet Search
  English  ▼

X  

PST87XA Datasheet(PDF) 14 Page - Mitsumi Electronics, Corp.

Part # PST87XA
Description  CMOS System Reset IC built-in delay time circuit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST87XA Datasheet(HTML) 14 Page - Mitsumi Electronics, Corp.

Back Button PST87XA Datasheet HTML 7Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 8Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 9Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 10Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 11Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 12Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 13Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 14Page - Mitsumi Electronics, Corp. PST87XA Datasheet HTML 15Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
• Any products mentioned in this catalog are subject to any modification in their appearance and others for improvements without prior notification.
• The details listed here are not a guarantee of the individual products at the time of ordering. When using the products, you will be asked to check their specifications.
MITSUMI
CMOS System Reset IC built-in delay time circuit PST87XX, 88XX Series
Characteristics (Except where noted otherwise VCC=5.0V, RICHG=2.32kΩ, ROSC=100kΩ, Ta=25°C)
Detecting Voltage
0.0
0
0.5
1
1.5
2
2.5
3
3.5
4
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
Input Voltage (V)
Supply Current
0.0
0123
45
6
2.0
1.6
1.2
0.8
0.4
Input Voltage (V)
Detecting Voltage - Temperature
2.70
−
40 −20
0
20
40
60
80 100
3.10
3.00
2.90
2.80
Temperature (ºC)
Hysteresis Voltage - Temperature
0
−
40 −20
0
20
40
60
80 100
100
80
60
40
20
Temperature (ºC)
Supply Current - Temperature
0.0
−
40 −20
0
20
40
60
80 100
2.0
1.6
1.2
0.8
0.4
Temperature (ºC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com