Electronic Components Datasheet Search
  English  ▼

X  

PDF-800 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDF-800
Description  800Watts Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PDF-800 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDF-800 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDF-800 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
800Watts Single Output
PDF-800 Series
www.powerld.com
Date:2013-10-30
FFeeaattuurreess::
Universal AC input/ Full range
Built-in active PFC function, PF>0.96
Using ZVS technology to reduce power dissipation
Output protection: OVP/OLP/SCP/OPP/OTP
Built in Fan speed control
Built in AC inrush current limiting circuit(<20A)
Build in constant current limiting circuit
Built in Remote Sense Function
Build in DC OK signal
Wide operating ambient temperature (-30℃~70℃)
1 U low profile,41mm
3 years warranty
MODEL
PDF-800-24
PDF-800-27
PDF-800-48
DC Output
24V
27V
48V
Rated Current (100~127Vac)
27A
23A
14A
Rated Current (128~264Vac)
33A
29A
16.5A
Ripple and Noise Note 2
≤200mV
≤200mV
≤200mV
Voltage ADJ. Range
-5%~+10% of rated output voltage
Voltage Accuracy
±2%
Line Regulation
±0.5%
Load Regulation
±2%
Set-up Time
≤3S (220Vac input, Full load)
Hold up Time
≥8mS (220Vac input, Full load)
Temperature Coefficient
±0.03%/℃
OUTPUT
Overshoot and Undershoot
<5.0%
Voltage Range
90Vac~264Vac,127Vdc~370Vdc
Frequency Range
47Hz--63Hz
Power Factor(Typical)
PF≥0.96/230VAC
PF≥0.98/115VAC
Full Load
Efficiency ( Typical)
≥89%
≥89%
≥89%
AC Current (max.)
≤
12 A
Inrush Current (Typical)
≤
20A @220Vac
Cold start
INPUT
Leakage Current
Input—output: ≤0.25mA
Input—PG: ≤3.5mA
Over Load
110%~135% of rated output current, constant current, auto recovery
Over power
110%~135% of rated output power, constant current, auto recovery
Over Temperature
105℃+5℃(detect on Mosfet temperature);shut down,auto recovery after the temperature goes down to 70℃
Over Voltage
110%~150% of rated output voltage, constant voltage, auto recovery
PROTECTION
Short Circuit
Long-term mode, constant current, auto recovery
Operating amb. Temp. & Hum.
-30 ~
℃
70 ; 20%~90%RH No condensing
℃
(refer to derating curve)
ENVIRONMENT
Storage Temp. & Hum.
-40 ~
℃
85 ; 10%~95%RH No condensing
℃
Safety Standards
UL60950-1 2nd Ed; IEC 60950-1:2005(2nd Ed) ;EN60950-1:2006
Withstand Voltage
Primary-Secondary:3.0KVac; ≤10mA .Primary-PG:1.5KVac; ≤10mA. Secondary-PG:0.5KVac;≤10mA.
Isolation Resistance
10M ohms
EMI Conduction&Radiation
Compliance to EN55022, Class B
Harmonic Current
Compliance to EN61000-3-2,Class D
SAFETY &EMC
(Note 3)
EMS Immunity
Compliance to EN61000-4-2,3,4,5,6,8,11; heavy industry level
MTBF (MIL-HDBK-217F)
More than 200,000Hrs (25 , Full load)
℃
Dimension (L*W*H)
226×116.5×41mm
Packing
6PCS/CTN, 8.9KGS, 0.04CBM
OTHERS
Cooling method
Fored air cooling(Built-in fan,the fan speed is controlled by load and internal temp.)
NOTE
1. All parameters NOT specially mentioned are measured at rated input, rated load and 25
of ambient temperature.
℃
2. Measured at 20MHz of bandwidth by using a 12” twisted pair-wire terminated with a 0.1 uF & 47uF parallel capacitor.
3. The power supply is considered as a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets EMC
directives. For guidance on how to perform these EMC tests, please refer to “EMI testing of component power supplies” on http://www.powerld.com.


Similar Part No. - PDF-800

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PDF-800 TTELEC-PDF-800 Datasheet
299Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 800W
08/06/2020
PDF-800-24 TTELEC-PDF-800-24 Datasheet
299Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 800W
08/06/2020
logo
Toppower Electronic Tec...
PDF-800-24S TOPPOWER-PDF-800-24S Datasheet
735Kb / 5P
792W wide input AC/DC switching power supply
logo
TT Electronics.
PDF-800-27 TTELEC-PDF-800-27 Datasheet
299Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 800W
08/06/2020
logo
Toppower Electronic Tec...
PDF-800-36S TOPPOWER-PDF-800-36S Datasheet
735Kb / 5P
792W wide input AC/DC switching power supply
More results

Similar Description - PDF-800

ManufacturerPart #DatasheetDescription
logo
Power-One
5S5N1PS POWER-ONE-5S5N1PS Datasheet
227Kb / 3P
SINGLE OUTPUT
DFA20E12S POWER-ONE-DFA20E12S Datasheet
1Mb / 4P
SINGLE OUTPUT
logo
Artesyn Technologies
AFE1200 ARTESYN-AFE1200 Datasheet
104Kb / 3P
Single output
logo
Murata Manufacturing Co...
USQ40 MURATA-USQ40 Datasheet
425Kb / 15P
Single Output
logo
Emerson Network Power
TLP150R-96S12J EMERSON-NETWORKPOWER-TLP150R-96S12J Datasheet
889Kb / 4P
Single output
TLP150N-99S12J EMERSON-NETWORKPOWER-TLP150N-99S12J Datasheet
453Kb / 4P
Single output
logo
Sparkle Power Inc.
SPR2CA800LGP SPI-SPR2CA800LGP Datasheet
50Kb / 1P
800Watts 11 2U Redundant Switching Power Supply
logo
Qualtek Electronics Cor...
QPDF-800 QUALTEK-QPDF-800 Datasheet
400Kb / 2P
800Watts Single Output
logo
XP Power Limited
IE0305SH XPPOWER-IE0305SH Datasheet
54Kb / 1P
Single Output
IJ0505DA XPPOWER-IJ0505DA Datasheet
63Kb / 1P
Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com