Electronic Components Datasheet Search
  English  ▼

X  

WSP2088 Datasheet(PDF) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP2088
Description  Dual N-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP2088 Datasheet(HTML) 1 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP2088 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP2088 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP2088 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP2088 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP2088 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Symbol
Parameter
Rating
Units
VDS
Drain-Source Voltage
20
V
VGS
Gate-Sou
rce Voltage
±
12
V
ID@Tc=25℃
Continuous Drain Current, VGS @ 4.5V
1
7.5
A
ID@Tc=70℃
Continuous Drain Current, VGS @ 4.5V
1
6
A
IDM
Pulsed Drain Current
2
30
A
PD@TA=25℃
Total Power Dissipation
3
1.25
W
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Parameter
Typ.
Max.
Unit
RθJA
Thermal Resistance Junction-ambient
1
---
100
℃
/W
RθJC
Thermal Resistance Junction-Case
1
---
70
℃
/W
BVDSS
RDSON
ID
20V
11.5mΩ
7.5A
Advanced high cell density Trench technology
Super Low Gate Charge
Excellent Cdv/dt effect decline
Green Device Available
General Description
Features
Applications
High Frequency Point-of-Load Synchronous
Small power switching for MB/NB/UMPC/VGA
Networking DC-DC Power System
ESD:2KV
Absolute Maximum Ratings
Thermal Data
TSSOP
-8 Pin Configuration
Product Summery
WSP2088
Page 1
www.winsok.tw
Dec.2014
Dual N-Channel MOSFET
The WSP2088 is the highest performance trench
N-ch MOSFETs with extreme high cell density ,
which provide excellent RDSON and gate charge
for most of the small power switching and load
switch applications.
The WSP2088 meet the RoHS and Green
Product requirement with full function
reliability approved.


Similar Part No. - WSP2088

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WSP20D100 WINSEMI-WSP20D100 Datasheet
483Kb / 5P
Power Schottky Rectifier
WSP20D100-HW WINSEMI-WSP20D100-HW Datasheet
483Kb / 5P
Power Schottky Rectifier
WSP20D100L WINSEMI-WSP20D100L Datasheet
483Kb / 5P
Power Schottky Rectifier
WSP20D150 WINSEMI-WSP20D150 Datasheet
280Kb / 4P
Silicon Controlled Rectifiers
WSP20D65 WINSEMI-WSP20D65 Datasheet
289Kb / 4P
Power Schottky Rectifier
More results

Similar Description - WSP2088

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MCS8804 MCC-MCS8804 Datasheet
580Kb / 4P
Dual N-Channel MOSFET
logo
Guangdong Kexin Industr...
KI8810DY KEXIN-KI8810DY Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4822 KEXIN-AO4822 Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822A-HF KEXIN-AO4822A-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4822-HF KEXIN-AO4822-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4828-HF KEXIN-AO4828-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4832 KEXIN-AO4832 Datasheet
1Mb / 5P
Dual N-Channel MOSFET
AO4832-HF KEXIN-AO4832-HF Datasheet
2Mb / 5P
Dual N-Channel MOSFET
AO4862 KEXIN-AO4862 Datasheet
1Mb / 4P
Dual N-Channel MOSFET
AO4862-HF KEXIN-AO4862-HF Datasheet
1Mb / 4P
Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com