Electronic Components Datasheet Search
  English  ▼

X  

WSP4088 Datasheet(PDF) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

Part # WSP4088
Description  N-Ch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIINSOK [Shenzhen Guan Hua Wei Ye Co., Ltd]
Direct Link  http://www.winsok.tw/index.html
Logo WIINSOK - Shenzhen Guan Hua Wei Ye Co., Ltd

WSP4088 Datasheet(HTML) 3 Page - Shenzhen Guan Hua Wei Ye Co., Ltd

  WSP4088 Datasheet HTML 1Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 2Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 3Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 4Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 5Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 6Page - Shenzhen Guan Hua Wei Ye Co., Ltd WSP4088 Datasheet HTML 7Page - Shenzhen Guan Hua Wei Ye Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
N-Ch MOSFET
WSP4088
Page 3
www.winsok.tw
Dec.2014
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
VDS - Drain - Source Voltage (V)
Power Dissipation
Tj - Junction Temperature (°C)
Typical Operating Characteristics
Thermal Transient Impedance
1E-4 1E-3 0.01 0.1
1
10
100 1000
Square Wave Pulse Duration (sec)
0
20
40
60
80 100 120 140 160
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
T
A=25
oC
0
20
40
60
80 100 120 140 160
0
2
4
6
8
10
12
T
A=25
oC,V
G=10V
0.01
0.1
1
10
100 300
0.01
0.1
1
10
100
1s
T
A=25
oC
10ms
300ms
1ms
100ms
DC
1E-3
0.01
0.1
1
3
Mounted on 1in
2 pad
R
qJA : 60
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com