Electronic Components Datasheet Search
  English  ▼

X  

UM1075 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM1075
Description  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1075 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM1075 Datasheet HTML 8Page - STMicroelectronics UM1075 Datasheet HTML 9Page - STMicroelectronics UM1075 Datasheet HTML 10Page - STMicroelectronics UM1075 Datasheet HTML 11Page - STMicroelectronics UM1075 Datasheet HTML 12Page - STMicroelectronics UM1075 Datasheet HTML 13Page - STMicroelectronics UM1075 Datasheet HTML 14Page - STMicroelectronics UM1075 Datasheet HTML 15Page - STMicroelectronics UM1075 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Hardware configuration
UM1075
12/19
UM1075 Rev 8
4.2
Connection with STM32
For development of applications based on STM32 microcontrollers the ST-LINK/V2 needs
to be connected to the application using the standard 20-pin JTAG flat ribbon provided.
Table 4 summarizes the signals names, functions, and target connection signals of the
standard 20-pin JTAG flat ribbon.
Table 4. JTAG/SWD cable connections
Pin
no.
ST-LINK/V2
connector (CN3)
ST-LINK/V2
function
Target connection
(JTAG)
Target connection
(SWD)
1
VAPP
Target VCC
MCU VDD(1)
1. The power supply from the application board is connected to the ST-LINK/V2 debugging and programming
board to ensure signal compatibility between the boards.
MCU VDD(1)
2
3
TRST
JTAG TRST
JNTRST
GND(2)
2. Connect to GND for noise reduction on the ribbon.
4GND(3)
3. Available on ST-LINK/V2 only, not connected on ST-LINK/V2-ISOL.
GND(3)
GND(3)(4)
4. At least one of this pin must be connected to the ground for correct behavior (connecting all of them is
recommended).
GND(3)(4)
5
TDI
JTAG TDO
JTDI
GND(2)
6GND(3)
GND(3)
GND(3)(4)
GND(3)(4)
7
TMS_SWDIO
JTAG TMS, SW IO
JTMS
SWDIO
8GND(3)
GND(3)
GND(3)(4)
GND(3)(4)
9
TCK_SWCLK
JTAG TCK, SW CLK JTCK
SWCLK
10
GND(5)
5. GND on ST-LINK/V2, used by SWIM on ST-LINK/V2-ISOL (see Table 3).
GND(5)
GND(4)(5)
GND(4)(5)
11
Not connected
Not connected
Not connected
Not connected
12
GND
GND
GND(4)
GND(4)
13
TDO_SWO
JTAG TDI, SWO
JTDO
TRACESWO(6)
6. Optional: for Serial Wire Viewer (SWV) trace.
14
GND(5)
GND(5)
GND(4)(5)
GND(4)(5)
15
NRST
NRST
NRST
NRST
16
GND(3)
GND(3)
GND(3)(4)
GND(3)(4)
17
Not connected
Not connected
Not connected
Not connected
18
GND
GND
GND(4)
GND(4)
19
VDD(3)
VDD (3.3 V)(3)
Not connected
Not connected
20
GND
GND
GND(4)
GND(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com