Electronic Components Datasheet Search
  English  ▼

X  

UM2502 Datasheet(PDF) 15 Page - STMicroelectronics

Part # UM2502
Description  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM2502 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button UM2502 Datasheet HTML 11Page - STMicroelectronics UM2502 Datasheet HTML 12Page - STMicroelectronics UM2502 Datasheet HTML 13Page - STMicroelectronics UM2502 Datasheet HTML 14Page - STMicroelectronics UM2502 Datasheet HTML 15Page - STMicroelectronics UM2502 Datasheet HTML 16Page - STMicroelectronics UM2502 Datasheet HTML 17Page - STMicroelectronics UM2502 Datasheet HTML 18Page - STMicroelectronics UM2502 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
UM2502 Rev 1
15/27
UM2502
STLINK-V3MODS and STLINK-V3MINI functional description
26
8.4
STLINK-V3MODS and STLINK-V3MINI functions
All functions are designed for high performance: all signals are 3.3 V compatible. The
following description concerns STLINK-V3MODS and STLINK-V3MINI except some
mentioned sections and indicates where to find the functions on the boards and connectors.
8.4.1
SWD with SWV
SWD protocol is a Debug/Program protocol used for STM32 microcontrollers with SWV as a
trace. The signals are 3.3 V compatible and may perform up to 24 MHz. This function is
available on CN2 (STLINK-V3MODS) and CN5 (STLINK-V3MINI).
8.4.2
JTAG
JTAG protocol is a Debug/Program protocol used for STM32 microcontrollers. The signals
are 3.3 V compatible and may perform up to 21 MHz. This function is available on CN2
(STLINK-V3MODS) and CN5 (STLINK-V3MINI).
8.4.3
Virtual COM port (VCP)
The serial interface VCP is directly available as a Virtual COM port of the PC, connected to
STLINK-V3MODS and STLINK-V3MINI USB connector CN5. This function may be used for
STM32 microcontrollers. The signals are 3.3 V compatible and may perform from 720 bps to
15 Mbps. This function is available on CN2 (STLINK-V3MODS) and CN5 (STLINK-V3MINI).
8.4.4
Bridge functions (STLINK-V3MODS only)
The STLINK-V3MODS provides a proprietary USB interface allowing the communication
with an STM32 target with several protocols: SPI, I2C, CAN, UART and GPIOs. This
interface may be used to communicate with the target bootloader, but may also be used for
customized needs through its public software interface.All bridge signals are accessible on
CN2.
Bridge SPI
SPI signals are available on CN2 pins 7, 14, 23 and 25.
Bridge I2C
I2C signals are available on CN2 pins 16 and 17. It is necessary to add externally 680 Ω
pull-up resistors on the host application board.
Bridge CAN
CAN logic signals (Rx/Tx) are available on CN2 pins 9 and 10, they may be used as input
for an external CAN transceiver.
Bridge UART
UART signals with hardware flow control (CTS/RTS) are available on CN2 pins 1 to 3 and
11. They need a dedicated firmware to be programmed on the main module before being
used. Without this firmware, the Virtual COM port function must be used instead (no
hardware flow control).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com