Electronic Components Datasheet Search
  English  ▼

X  

RS20005M Datasheet(PDF) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

Part # RS20005M
Description  20A GLASS PASSIVATED BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZSELEC [Zibo Seno Electronic Engineering Co.,Ltd]
Direct Link  http://www.senocn.com/en/index.html
Logo ZSELEC - Zibo Seno Electronic Engineering Co.,Ltd

RS20005M Datasheet(HTML) 2 Page - Zibo Seno Electronic Engineering Co.,Ltd

  RS20005M Datasheet HTML 1Page - Zibo Seno Electronic Engineering Co.,Ltd RS20005M Datasheet HTML 2Page - Zibo Seno Electronic Engineering Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.01
0.1
1.0
10
0
0.4
0.8
1.2
1.6
2.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig.2 Typical Forward Characteristics (per element)
F
100
T= 25°C
j
100
50
1
10
100
NUMBER OF CYCLES AT 60 Hz
Fig. 3 Maximum Non-Repetitive Surge Current
150
250
0
200
Single half-sine-wave
T= 25°C
j
10
100
1
1
10
100
V , REVERSE VOLTAGE (V)
Fig.4 Typical Total Capacitance, Per Element
R
f=1MHz
T= 25°C
j
0.1
1.0
10
100
1000
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
Fig.5 Typical Reverse Characteristics
T= 50°C
j
T = 125°C
j
T = 100°C
j
T= 25°C
j
0
5
25
50
75
100
125
150
T , CASE TEMPERATURE (°C)
Fig. 1 Forward Current Derating Curve
C
10
15
20
25
Without heatsink
With heatsink
Resistive or
Inductive load
www.senocn.com
2 of 2
Z ibo Seno Electronic Engineering Co., Ltd.
RS20005M - RS2010M
RS20005M - RS2010M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com