Electronic Components Datasheet Search
  English  ▼

X  

ASM3P2760A Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # ASM3P2760A
Description  Low Power Peak EMI Reducing Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

ASM3P2760A Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button ASM3P2760A Datasheet HTML 2Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 3Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 4Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 5Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 6Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 7Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 8Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 9Page - Alliance Semiconductor Corporation ASM3P2760A Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
September 2005
ASM3P2760A
rev 1.8
Low Power Peak EMI Reducing Solution
6 of 12
Notice: The information in this document is subject to change without notice.
Typical Crystal Oscillator Circuit
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
8.000MHz
Frequency tolerance
± 50ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25
Ω
R1 = 510Ω
C1 = 27 pF
C2 = 27 pF
Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com