Electronic Components Datasheet Search
  English  ▼

X  

AST200Q Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # AST200Q
Description  Sales Outline Drawing
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

AST200Q Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  AST200Q Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products Inc.
Part #
AST200Q
Sales Outline Drawing
Revision
E
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mspindy.com
May not be suitable for all medical and aerospace applications.
Specifications: Contact Mallory Sonalert to discuss your application.
NO CIRCUITRY
Oscillation Frequency (Hz)
2731
Operating Voltage (Vp-p/max)
2.0 ~ 4.0
Rated Voltage (Vp-p)
3.0
Current Consumption Max. (mA)
80 at Rated Voltage
Sound Pressure Level Min. (dB/min)
85 at 10cm at Rated Voltage
Coil Resistance (Ω)
15 ± 2
Operating Temperature (°C)
-20 ~ +85
Storage Temperature (°C)
-30 ~ +90
Housing
LCP plastic resin (Color : Black)
Type of Connection
SMD
Condition by reflow soldering (°C)
250 ±5 / within 5 sec
Condition by hand soldering (°C)
350 ±20 / within 5 sec
Weight (g)
0.4
Options
For other options contact factory
Dimensions: (units: mm)
PS: Vp-p = 1/2duty, square wave
RoHS Compliant
* Dummy pad and Partial Pad are connected internally and are intended to only be used to help secure the part to the circuit board.
Packaging:
Parts are supplied in tubes of 35 pieces.
Units come with wash label and are appropriate for aqueous wash.


Similar Part No. - AST200Q

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AST200 VISHAY-AST200 Datasheet
118Kb / 6P
Wirewound Resistors, Industrial Power, Silicone Coated, Adjustable Tubular
23-Sep-2020
logo
Mallory Sonalert Produc...
AST200TRQ MSPI-AST200TRQ Datasheet
122Kb / 1P
Sales Outline Drawing
More results

Similar Description - AST200Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PT-2020P ETC-PT-2020P Datasheet
91Kb / 1P
Sales Outline Drawing
logo
Mallory performance clu...
SC110D MALLORY-SC110D Datasheet
77Kb / 1P
Sales Outline Drawing
SC648D MALLORY-SC648D Datasheet
54Kb / 1P
Sales Outline Drawing
PSR1511N08S3K MALLORY-PSR1511N08S3K Datasheet
110Kb / 1P
Sales Outline Drawing
logo
Mallory Sonalert Produc...
AST100Q MSPI-AST100Q Datasheet
93Kb / 1P
Sales Outline Drawing
AST100TRQ MSPI-AST100TRQ Datasheet
93Kb / 1P
Sales Outline Drawing
AST501Q MSPI-AST501Q Datasheet
110Kb / 1P
Sales Outline Drawing
AST0727MW-3.6ATRQ MSPI-AST0727MW-3.6ATRQ Datasheet
172Kb / 1P
Sales Outline Drawing
AST0927ME-05TRQ MSPI-AST0927ME-05TRQ Datasheet
100Kb / 1P
Sales Outline Drawing
AST0927MW-03Q MSPI-AST0927MW-03Q Datasheet
118Kb / 1P
Sales Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com