Electronic Components Datasheet Search
  English  ▼

X  

1693 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 1693
Description  High Current Switching DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

1693 Datasheet(HTML) 1 Page - B&K Precision Corporation

  1693 Datasheet HTML 1Page - B&K Precision Corporation 1693 Datasheet HTML 2Page - B&K Precision Corporation 1693 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
B&K Precision models 1693 and 1694 switching
mode DC power supplies provide high current
output in a lightweight and compact form factor.
These 900W power supplies provide a variable
voltage output from 1V to 15V at 60A (model
1693) or from 1V to 30V at 30A (model 1694).
In addition, a remote sensing terminal is available
to compensate for voltage drop across the load
leads.
The analog remote control feature can be used
to control the output voltage or turn the output
on/off.
Features and Benefits
I
Up to 60 A output current
I
Lightweight and compact
I
Dual 3-digit LED displays
I
Remote sense terminal
I
Analog remote control via external voltage
source or variable resistor
I
Current foldback circuitry with illuminated
indicator prevents overloading the power
supply
I
Overtemperature protection circuitry
I
Overvoltage protection
I
Front panel auxiliary output
High Current Switching DC Power Supplies
Models 1693 & 1694
Data Sheet
w w w.bk prec ision.c om
Technical data subject to change
© B&K Precision Corp. 2011
Switching power supplies have the advantage of
being lightweight and high in efficiency when
compared to traditional linear mode power
supplies. The efficiency of the 1693 and 1694
can exceed 85% under optimal conditions. These
power supplies are also designed with advanced
circuitry to protect against overtemperature and
overvoltage conditions. Combined with bright
LED displays, the 1693 and 1694 are ideal for
users who want a reliable and easy-to-use
high-current DC power supply for system or
bench use.
Outputs/Model
1693
1694
Variable Output Voltage
1 - 15 V
1 - 30 V
Output Current
60 A
30 A
High Current at a Low Price


Similar Part No. - 1693

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
1693 POMONA-1693 Datasheet
22Kb / 1P
Spade Lug Patch Cord For Low Voltage Measurements
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
493Kb / 1P
Space saving design for high density packaging
1693 ETC2-1693 Datasheet
2Mb / 3P
Up to 60 A output current
logo
IET Labs Inc.
1693 IET-1693 Datasheet
1Mb / 3P
High-Accuracy Impedance Bridge
09-20-2012
logo
Heyco.
1693 HEYCO-1693 Datasheet
117Kb / 1P
Thin Panel Dome Plugs
More results

Similar Description - 1693

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSAYC WALL-PSAYC Datasheet
102Kb / 3P
AC/DC Switching Power Supplies
PSHF35W WALL-PSHF35W Datasheet
97Kb / 3P
AC/DC Switching Power Supplies
PSPSD-60 WALL-PSPSD-60 Datasheet
225Kb / 5P
AC/DC Switching Power Supplies
PSAQF120 WALL-PSAQF120 Datasheet
517Kb / 10P
AC/DC Switching Power Supplies
PSAQF240 WALL-PSAQF240 Datasheet
512Kb / 7P
AC/DC Switching Power Supplies
PSGE100 WALL-PSGE100 Datasheet
413Kb / 5P
AC/DC Switching Power Supplies
PSIUU100 WALL-PSIUU100 Datasheet
120Kb / 3P
AC/DC Switching Power Supplies
logo
Cornell Dubilier Electr...
935C CDE-935C Datasheet
231Kb / 5P
High Current Capacitors for Switching Power Supplies
logo
B&K Precision Corporati...
1685B BK-1685B Datasheet
219Kb / 3P
Switching DC Power Supplies
1900B BK-1900B Datasheet
1Mb / 3P
Switching DC Power Supplies
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com