Electronic Components Datasheet Search
  English  ▼

X  

4033 Datasheet(PDF) 1 Page - B&K Precision Corporation

Part # 4033
Description  50 MHz Programmable Pulse Generators
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

4033 Datasheet(HTML) 1 Page - B&K Precision Corporation

  4033 Datasheet HTML 1Page - B&K Precision Corporation 4033 Datasheet HTML 2Page - B&K Precision Corporation 4033 Datasheet HTML 3Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
50 MHz Programmable Pulse Generators
Models 4033 & 4034
Features & Benefits
Applications
Data Sheet
w
w w
w w
w..b
bk
k p
prre
ec
c iis
siio
on
n..c
c o
om
m
I
Repetition rate of 0.1 Hz to 50 MHz
I
Flexible trigger modes: Continuous, Triggered
(internal, external, manual), Gated Burst and
External Width
I
Pulse width programmable from 10 ns to 10 s
I
Transition times (rise and fall times) variable
from 6 ns to 100 ms
I
Programmable delay and double pulse
I
Predefined amplitude levels for ECL, TTL, and
CMOS signals
I
Store up to 99 different test setups with auto
retention of last power down setup
I
10 Vpp into 50 ohm output
I
Closed case calibration
I
Programmable via GPIB and RS-232
I
SCPI compatible
I
Three year warranty
I
Automatic Test Equipment (ATE)
I
Avionics and radar testing
I
Switching power supply testing
I
Characterization of active components
Dual-Channel Model 4034
I
Both channels offer full functionality and all
parameters such as pulse width and transition
time can be set independently
I
Synchronize both channels with the push of a
button
I
Saves cost and bench space
Description
The 4033 and 4034 are high performance pro-
grammable pulse generators for testing digital
systems and circuits based on TTL, CMOS, or
ECL technologies. Both instruments generate
clean and accurate pulses at up to 6 digits reso-
lution with a repetition rate up to 50 MHz, vari-
able pulse widths from 10 ns to 10 s, and pulse
delays from 0 ns to 10 s. Output levels are
adjustable from -10 V to +10 V, with pulse
amplitudes settable from 0.1 Vpp to 10 Vpp into
a 50 ohm load. All parameters, modes, and
functions are programmable via the front panel
or remote control commands. Additionally, the
pulse generators provide selectable complemen-
tary pulse and double pulse generation in contin-
uous, triggered, gated, and counted burst
modes.
Technical data subject to change
© B&K Precision Corp. 20
19


Similar Part No. - 4033

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
4033 MICRONETICS-4033 Datasheet
71Kb / 3P
CONNECTORIZED PHASE SHIFTERS
logo
List of Unclassifed Man...
4033 ETC2-4033 Datasheet
279Kb / 3P
Repetition rate of 0.1 Hz to 50 MHz
logo
Heyco.
4033 HEYCO-4033 Datasheet
156Kb / 1P
Heyco-Flex™ VI Liquid Tight Conduit Fittings
logo
Adafruit Industries
4033 ADAFRUIT-4033 Datasheet
629Kb / 2P
13.56MHz RFID/NFC White Tag - NTAG203 Chip
1-8-19
logo
C&D Technologies
40330 CANDD-40330 Datasheet
192Kb / 1P
Toroidal Surface Mount Inductors
More results

Similar Description - 4033

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
8-Bit Microcontroller with Pulse Train Generators
logo
Data Delay Devices, Inc...
3D3608 DATADELAY-3D3608 Datasheet
350Kb / 7P
8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
3D7608 DATADELAY-3D7608 Datasheet
350Kb / 7P
8-BIT & 12-BIT PROGRAMMABLE PULSE GENERATORS
logo
Keysight Technologies
81133A KEYSIGHT-81133A Datasheet
1Mb / 10P
3.35 GHz Pulse Pattern Generators
81134A KEYSIGHT-81134A Datasheet
1Mb / 10P
3.35 GHz Pulse Pattern Generators
81150A KEYSIGHT-81150A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
81160A KEYSIGHT-81160A Datasheet
3Mb / 36P
Pulse Function Arbitrary Noise Generators
81100 KEYSIGHT-81100 Datasheet
174Kb / 13P
Pulse Pattern Generators
logo
Nippon Pulse America, I...
PCL NPM-PCL Datasheet
809Kb / 4P
Programmable Pulse Generators PCL/PCD Series
logo
Pico Technology Ltd.
PG900 PICO-PG900 Datasheet
2Mb / 12P
USB differential pulse generators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com